Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91719 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS91719
Description  Low EMI, Spread Modulating, Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91719 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS91719 Datasheet HTML 3Page - Renesas Technology Corp ICS91719 Datasheet HTML 4Page - Renesas Technology Corp ICS91719 Datasheet HTML 5Page - Renesas Technology Corp ICS91719 Datasheet HTML 6Page - Renesas Technology Corp ICS91719 Datasheet HTML 7Page - Renesas Technology Corp ICS91719 Datasheet HTML 8Page - Renesas Technology Corp ICS91719 Datasheet HTML 9Page - Renesas Technology Corp ICS91719 Datasheet HTML 10Page - Renesas Technology Corp ICS91719 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
ICS91719
0506E—06/24/09
4.40mm Body, .65mm pitch
Ordering Information
91719yGLF-T
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
a0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
16
4.90
5.10
.193
.201
10-0035
4.40 mm. Body, 0.65 mm. Pitch TSSOP
(173 mil)
(25.6 mil)
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
0.65 BASIC
0.0256 BASIC
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
Reference Doc.: JEDEC Publication 95, MO-153
Example:
Designation for tape and reel packaging
Lead Free (Optional)
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
XXXX y G LF- T
1719BGLF
######
YYWW
Line 1. Part number.
Line 2. ###### = lot number
Line 3. YYWW = date code
Marking Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com