Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-16 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9250-16
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-16 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9250-16 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
ICS9250-16
Power Down Waveform
Note
1. After PD# is sampled active (Low) for 2 consective rising edges of CPUCLKs, all
the output clocks are driven Low on their next High to Low tranistiion.
2. Power-up latency <3ms.
3. Waveform shown for 100MHz
Maximum Allowed Current
E
0
1
8
n
o
i
t
i
d
n
o
C
n
o
i
t
p
m
u
s
n
o
c
y
l
p
p
u
s
V
5
.
2
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
s
i
d
x
a
M
V
5
2
6
.
2
=
2
q
d
d
V
D
N
G
r
o
3
q
d
d
V
=
s
t
u
p
n
i
c
i
t
a
t
s
l
l
A
n
o
i
t
p
m
u
s
n
o
c
y
l
p
p
u
s
V
5
.
2
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
s
i
d
x
a
M
V
5
6
4
.
3
=
2
q
d
d
V
D
N
G
r
o
3
q
d
d
V
=
s
t
u
p
n
i
c
i
t
a
t
s
l
l
A
e
d
o
M
n
w
o
d
r
e
w
o
P
0
=
#
N
W
D
R
W
P
(
A
m
0
1A
m
0
1
z
H
M
6
6
e
v
i
t
c
A
l
l
u
F
0
1
=
0
,
1
L
E
S
A
m
0
7A
m
0
1
3
z
H
M
0
0
1
e
v
i
t
c
A
l
l
u
F
1
1
=
0
,
1
L
E
S
A
m
0
0
1A
m
0
0
3
Clock Enable Configuration
#
D
PK
L
C
U
P
CM
A
R
D
SC
I
P
A
O
Iz
H
M
6
6K
L
C
I
C
P
,
F
E
R
z
H
M
8
4
c
s
Os
O
C
V
0W
O
LW
O
LW
O
LW
O
LW
O
LW
O
LF
F
OF
F
O
1N
ON
ON
ON
ON
ON
ON
ON
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com