Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-16 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9250-16
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-16 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9250-16 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 13Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
ICS9250-16
Electrical Characteristics - IOAPIC
TA = 0 - 70C; VDDL = 2.5 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP4B
1
VO = VDD*(0.5)
9
16
30
Ω
Output Impedance
RDSN4B
1
VO = VDD*(0.5)
9
20
30
Ω
Output High Voltage
VOH4B
IOH = -1 mA
2
V
Output Low Voltage
VOL4B
IOL = 1 mA
0.4
V
VOH @ MIN = 1.0 V
-27
-68
VOH @ MAX = 2.375 V
-9
-27
VOL @ MIN = 1.2 V
27
54
VOL @ MAX = 0.3 V
11
30
Rise Time
1
tr4B
VOL = 0.4 V, VOH = 2.0 V
0.4
1.1
1.6
ns
Fall Time
1
tf4B
VOH = 2.0 V, VOL = 0.4 V
0.4
1.1
1.6
ns
Duty Cycle
1
dt4B
VT = 1.25 V
45
49
55
%
Skew window
1
tsk4B
VT = 1.25 V
81
250
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc4B
VT = 1.25 V
150
500
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH4B
mA
Output Low Current
IOL4B
mA
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 20-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP3B
1
VO = VDD*(0.5)
10
12
24
Ω
Output Impedance
RDSN3B
1
VO = VDD*(0.5)
10
15
24
Ω
VOH @ MIN = 2.0 V
-54
-92
VOH @ MAX = 3.135 V
-16
-46
VOL @ MIN = 1.0 V
54
68
VOL @ MAX = 0.4 V
29
53
Rise Time
1
tr3
VOL = 0.4 V, VOH = 2.4 V
0.4
1
1.6
ns
Fall Time
1
tf3
VOH = 2.4 V, VOL = 0.4 V
0.4
1.5
1.6
ns
Duty Cycle
1
dt3
VT = 1.5 V
45
52
55
%
Skew window
1
tsk3
VT = 1.5 V
85
250
ps
VT = 1.5 V, 66, 100 MHz
120
250
VT = 1.5 V, 133 MHz
150
300
1Guaranteed by design, not 100% tested in production.
Jitter, Cycle-to-cycle
1
tjcyc-cyc3
ps
mA
mA
Output High Current
Output Low Current
IOH3
IOL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com