Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS94241 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS94241
Description  Programmable TCH™ for Differential PIII™ Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94241 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS94241 Datasheet HTML 6Page - Renesas Technology Corp ICS94241 Datasheet HTML 7Page - Renesas Technology Corp ICS94241 Datasheet HTML 8Page - Renesas Technology Corp ICS94241 Datasheet HTML 9Page - Renesas Technology Corp ICS94241 Datasheet HTML 10Page - Renesas Technology Corp ICS94241 Datasheet HTML 11Page - Renesas Technology Corp ICS94241 Datasheet HTML 12Page - Renesas Technology Corp ICS94241 Datasheet HTML 13Page - Renesas Technology Corp ICS94241 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
ICS94241
0453C—10/26/04
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD, VDDL = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
5mA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
mA
Input Low Current
IIL2
VIN = 0 V; Inputs with no pull-up resistors
-200
mA
Operating
IDD3.3OP66
CL = 0 pF; Select @ 66MHz
90
Supply Current
IDD3.3OP100
CL = 0 pF; Select @ 100MHz
90
Input frequency
Fi
VDD = 3.3 V
12
16
MHz
Input Capacitance
1
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization1
TSTAB
From VDD = 3.3 V to 1% target Freq.
3ms
1Guaranteed by design, not 100% tested in production.
mA
180
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating
IDD2.5OP66
CL = 0 pF; Select @ 66.8 MHz
10
72
Supply Current
IDD2.5OP100
CL = 0 pF; Select @ 100 MHz
15
100
Skew
1
tCPU-PCI
VT = 1.5 V; VTL = 1.25 V
1.5
4
ns
1Guaranteed by design, not 100% tested in production.
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com