Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS94241 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS94241
Description  Programmable TCH™ for Differential PIII™ Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94241 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS94241 Datasheet HTML 8Page - Renesas Technology Corp ICS94241 Datasheet HTML 9Page - Renesas Technology Corp ICS94241 Datasheet HTML 10Page - Renesas Technology Corp ICS94241 Datasheet HTML 11Page - Renesas Technology Corp ICS94241 Datasheet HTML 12Page - Renesas Technology Corp ICS94241 Datasheet HTML 13Page - Renesas Technology Corp ICS94241 Datasheet HTML 14Page - Renesas Technology Corp ICS94241 Datasheet HTML 15Page - Renesas Technology Corp ICS94241 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
ICS94241
0453C—10/26/04
Electrical Characteristics - SDRAM
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH3
IOH = -28mA
2.4
V
Output Low Voltage
VOL3
IOL = 23 mA
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-54
mA
Output Low Current
IOL3
VOH = 0.8 V
41
mA
Rise Time
Tr31
VOL = 0.4V, VOH = 2.4 V
0.85
2
ns
Fall Time
Tf31
VOH = 2.4V, VOL= 0.4 V
0.85
2
ns
Duty Cycle
Dt31
VT= 1.5 V
45
50
55
%
Skew1
Tsk1
VT= 1.5 V
200
500
ps
Propagation Delay
Tprop
VT= 1.5 V
5ns
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - 24MHz, 48MHz, REF
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -16 mA
2.4
V
Output Low Voltage
VOL5
IOL = 9 mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.5
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
1.5
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
53
55
%
Jiter, Cycle-to-cycle (24, 48MHz)
tjcyc-cyc2B
1
VT = 1.5 V
250
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com