Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPC40KD2 Datasheet(PDF) 4 Page - International Rectifier

Part # IRGPC40KD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC40KD2 Datasheet(HTML) 4 Page - International Rectifier

  IRGPC40KD2 Datasheet HTML 1Page - International Rectifier IRGPC40KD2 Datasheet HTML 2Page - International Rectifier IRGPC40KD2 Datasheet HTML 3Page - International Rectifier IRGPC40KD2 Datasheet HTML 4Page - International Rectifier IRGPC40KD2 Datasheet HTML 5Page - International Rectifier IRGPC40KD2 Datasheet HTML 6Page - International Rectifier IRGPC40KD2 Datasheet HTML 7Page - International Rectifier IRGPC40KD2 Datasheet HTML 8Page - International Rectifier IRGPC40KD2 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Fig. 5 - Collector-to-Emitter Voltage vs.
Case Temperature
Fig. 4 - Maximum Collector Current vs.
Case Temperature
IRGPC40KD2
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
0
10
20
30
40
50
2 5
5 0
7 5
100
125
150
T , Case Temperature (°C)
C
V
= 15V
GE
A
1.0
2.0
3.0
4.0
5.0
-60
-40
-20
0
2 0
4 0
6 0
8 0
100 120 140 160
C
V
= 15V
80µs PULSE WIDTH
GE
T , Case Temperature (°C)
A
I
= 50A
I
= 25A
I
= 13A
C
C
C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Rectangular Pulse Duration (sec)
1
D = 0.50
0.01
0.02
0.05
0.10
0.20
SINGLE PULSE
(THERMAL RESPONSE)
P
t2
1
t
DM
Notes:
1. Duty factor D = t
/ t
2. Peak T = P
x Z
+ T
12
J
DM
thJC
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com