Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPC40KD2 Datasheet(PDF) 6 Page - International Rectifier

Part # IRGPC40KD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC40KD2 Datasheet(HTML) 6 Page - International Rectifier

  IRGPC40KD2 Datasheet HTML 1Page - International Rectifier IRGPC40KD2 Datasheet HTML 2Page - International Rectifier IRGPC40KD2 Datasheet HTML 3Page - International Rectifier IRGPC40KD2 Datasheet HTML 4Page - International Rectifier IRGPC40KD2 Datasheet HTML 5Page - International Rectifier IRGPC40KD2 Datasheet HTML 6Page - International Rectifier IRGPC40KD2 Datasheet HTML 7Page - International Rectifier IRGPC40KD2 Datasheet HTML 8Page - International Rectifier IRGPC40KD2 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
IRGPC40KD2
0
3
6
9
12
0
1 02 0
3 04 0
5 06 0
C
R
= 10
Ω
T
= 150°C
V
= 480V
V
= 15V
G
C
CC
GE
I , Collector-to-Emitter Current (A)
A
1
10
100
1000
1
1 0
100
1 0 0 0
CE
SAFE OPERATING AREA
V
= 20V
T
= 125°C
GE
J
V
, Collector-to-Emitter Voltage (V)
A
1
10
100
0.8
1.2
1.6
2.0
2.4
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com