Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF145 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF145
Description  HF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF145 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 4Page - NXP Semiconductors BLF145 Datasheet HTML 5Page - NXP Semiconductors BLF145 Datasheet HTML 6Page - NXP Semiconductors BLF145 Datasheet HTML 7Page - NXP Semiconductors BLF145 Datasheet HTML 8Page - NXP Semiconductors BLF145 Datasheet HTML 9Page - NXP Semiconductors BLF145 Datasheet HTML 10Page - NXP Semiconductors BLF145 Datasheet HTML 11Page - NXP Semiconductors BLF145 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
September 1992
10
Philips Semiconductors
Product specification
HF power MOS transistor
BLF145
Fig.15 Third order intermodulation distortion as a
function of load power, typical values.
Class-AB operation; VDS = 28 V; IDQ = 0.25 A;
Rth mb-h = 0.3 K/W; f = 28 MHz.
solid line: Th =25 °C.
dotted line: Th =70 °C.
handbook, halfpage
0
−20
−30
−40
−50
20
40
60
MGP046
d3
(dB)
PL (W)
Fig.16 Fifth order intermodulation distortion as a
function of load power, typical values.
Class-AB operation; VDS = 28 V; IDQ = 0.25 A;
Rth mb-h = 0.3 K/W; f = 28 MHz.
solid line: Th =25 °C.
dotted line: Th =70 °C.
handbook, halfpage
0
−20
−30
−40
−50
20
40
60
MGP047
d5
(dB)
PL (W)
Fig.17 Power gain as a function of frequency,
typical values.
Class-AB operation; VDS = 28 V; IDQ = 0.25 A;
PL = 30 W; Th =25 °C; Rth mb-h = 0.3 K/W;
R1 =34 Ω;ZL = 8.9 + j1 Ω.
handbook, halfpage
030
21
19
20
MGP048
6
121824
Gp
(dB)
f (MHz)
Table 1
Input impedance as a function of frequency
Class-AB operation; VDS = 28 V; IDQ = 0.25 A;
PL = 30 W; Th = 25 °C;
Rth mb-h = 0.3 K/W; R1 = 34 Ω;ZL = 8.9 + j1 Ω.
f
(MHz)
Zi
(
Ω)
1.5
32.9
− j2.2
3.0
32.4
− j4.3
6.0
30.7
− j8.1
10
27.4
− j11.9
15
32.9
− j14.6
20
18.5
− j15.4
25
15.1
− j15.3
30
12.5
− j14.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com