Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA837IDBVT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # OPA837IDBVT
Description  OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA837IDBVT Datasheet(HTML) 39 Page - Texas Instruments

Back Button OPA837IDBVT Datasheet HTML 35Page - Texas Instruments OPA837IDBVT Datasheet HTML 36Page - Texas Instruments OPA837IDBVT Datasheet HTML 37Page - Texas Instruments OPA837IDBVT Datasheet HTML 38Page - Texas Instruments OPA837IDBVT Datasheet HTML 39Page - Texas Instruments OPA837IDBVT Datasheet HTML 40Page - Texas Instruments OPA837IDBVT Datasheet HTML 41Page - Texas Instruments OPA837IDBVT Datasheet HTML 42Page - Texas Instruments OPA837IDBVT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
OPA837
5.6 nF
147 W
255 W
12 nF
OPA837
430 pF
1.4 kW
1.4 kW
1.91 kW
2.2 nF
39
OPA837, OPA2837
www.ti.com
SBOS673D – SEPTEMBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA837 OPA2837
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
8.2 Typical Applications
8.2.1 Active Filters
The OPAx837 is a good choice for active filters. Figure 83 and Figure 84 show MFB and Sallen-Key circuits
designed implementing second-order, low-pass Butterworth filter circuits. Figure 85 illustrates the frequency
response.
The main difference is that the MFB active filter provides an inverting amplifier in the pass band and the Sallen-
Key active filter is noninverting. The primary advantage for each active filter is that the Sallen-Key filter in unity
gain has no resistor gain error term or feedback resistor noise contribution. The MFB active filter has better
attenuation properties beyond the bandwidth of the op amp. The example circuits are assuming a split-supply
operation but single-supply operation is possible with midscale biasing.
Figure 83. MFB Active Filter, 100-kHz, Second-Order, Low-Pass Butterworth Filter Circuit
Figure 84. Sallen-Key Active Filter, 100-kHz, Second-Order, Low-Pass Butterworth Filter Circuit
8.2.1.1 Design Requirements
For both designs, target the following filter shape characteristic:
•
Gain of 1 V/V
•
100-kHz Butterworth response
•
Q = 0.707 gives a flat Butterworth design
Scale the resistors down to reduce their noise contribution. In the MFB design, the input resistor is the in-band
load to the prior stage. Use values slightly below the gain of –1 V/V in Table 3. The Sallen-Key filter shows a
high impedance input in-band, so scale those resistors down further to improve noise.
The output DC error and drift can be improved by adding bias current cancellation resistors. For the MFB filter
that is a resistor (and a noise filter capacitor) on the noninverting input to ground equal to the resistor inside the
loop times the noise gain. For the Sallen-Key design, add a feedback resistor equal to the sum of the two input
resistors.
8.2.1.2 Detailed Design Procedure
The filter designs shown in this section used an improved design flow that reduces the resistor noise and noise
gain peaking. For the MFB filter, the design was based on the information in the Design Methodology for MFB
Filters in ADC Interface Applications application note.
For the Sallen-Key design, the solution is based on the information in the Component Pre-Distortion for Sallen
Key Filters application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com