Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA837IDBVT Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # OPA837IDBVT
Description  OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA837IDBVT Datasheet(HTML) 40 Page - Texas Instruments

Back Button OPA837IDBVT Datasheet HTML 36Page - Texas Instruments OPA837IDBVT Datasheet HTML 37Page - Texas Instruments OPA837IDBVT Datasheet HTML 38Page - Texas Instruments OPA837IDBVT Datasheet HTML 39Page - Texas Instruments OPA837IDBVT Datasheet HTML 40Page - Texas Instruments OPA837IDBVT Datasheet HTML 41Page - Texas Instruments OPA837IDBVT Datasheet HTML 42Page - Texas Instruments OPA837IDBVT Datasheet HTML 43Page - Texas Instruments OPA837IDBVT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
Frequency (Hz)
-51
-45
-39
-33
-27
-21
-15
-9
-3
3
1k
10k
100k
1M
10M
D083
MFB
SKF
Frequency (Hz)
0
2
4
6
8
10
12
14
16
18
20
100
1k
10k
100k
1M
D084
MFB
SKF
40
OPA837, OPA2837
SBOS673D – SEPTEMBER 2017 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA837 OPA2837
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.3 Application Curves
Figure 85 shows the comparative response curves for each of the filter design examples. Both filters hit the
desired response shape exactly. However, notice the loss of stop-band rejection in the Sallen-Key design. This
loss results from the op amp output impedance increasing at higher frequencies and allowing the signal to feed
through the feedback capacitor to the output.
Figure 86 shows a comparison of the output spot noise for the two designs. The Sallen-Key is much lower
because of the lower resistor values used. Also, the MFB shows a noise gain of 2 V/V versus the Sallen-Key
gain of 1 V/V. This difference immediately increases the MFB output noise by at least twice the input voltage
noise from the op amp. The higher resistor values also increase the total output noise for the MFB.
Figure 85. MFB and Sallen-Key Active Filters, Second-
Order, Low-Pass Butterworth Filter Response
Figure 86. Output Spot Noise Comparison
8.2.2 Implementing a 2:1 Active Multiplexer
The OPA837 includes a unique feature that enables a much improved wired-or mux operation. When disabled,
an internal switch opens from the inverting input to the active transistors isolating those nonlinear loads from the
signal being driven back into the inverting input through the active channel. Figure 87 illustrates a simple
example of this multiplexer. In this figure, one of two signals are selected to be passed on to a shared output.
The logic control turns both amplifiers off (logic low) prior to turning one of them on. This control eliminates both
outputs being active at the same time. If both amplifiers must be on, as in the simple switch illustrated in
Figure 87, adding 100-Ω isolating resistors inside the loop at the outputs limits the current flow when both
amplifiers are turned on. This solution offers a very high input impedance to both inputs, very low buffered output
drive, and nearly perfect channel-to-channel isolation. The example of Figure 87 also includes a –0.23-V supply
generator to allow true swing to ground on the output pins. This negative supply generator is optional if the
outputs are more than 0.1 V above ground or intended to be AC-coupled. Testing with a single channel active
and an off channel attached to the output showed no degradation in harmonic distortion; see Figure 17 and
Figure 35. This approach can be expanded to more than two channels or to operate with gain in the channels.
Adding more than two select channels in parallel should add 100-Ω feedback resistors to isolate the inverting
input capacitance from the active output channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com