Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEG Datasheet(PDF) 10 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 10 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 6Page - Sensata Technologies, Inc. LEG Datasheet HTML 7Page - Sensata Technologies, Inc. LEG Datasheet HTML 8Page - Sensata Technologies, Inc. LEG Datasheet HTML 9Page - Sensata Technologies, Inc. LEG Datasheet HTML 10Page - Sensata Technologies, Inc. LEG Datasheet HTML 11Page - Sensata Technologies, Inc. LEG Datasheet HTML 12Page - Sensata Technologies, Inc. LEG Datasheet HTML 13Page - Sensata Technologies, Inc. LEG Datasheet HTML 14Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Note: A: Tolerance ± .015 [.38] unless noted. Dimensions in brackets [ ] are millimeters.
B: Bevelled face plate is standard.
.780
[19.82]
1.560
[39.62]
.734
[18.64]
2.598
[65.99]
OFF
ON
.960
[24.38]
OFF
ON
1.700
[43.18]
2.450
[62.23]
3.190
[81.03]
OFF
ON
OFF
ON
OFF
ON
MAX.
ON
OFF
[52.70]
2.075
[42.85]
1.687
[6.09]
.240
[17.53]
.690
[30.99]
1.220
[50.80]
2.000
32º
32º
.130
[3.30]
DIM. “A”
(SEE TABLE)
IEGS/CEGS/LEGS Circuit Protectors (Note B)
(Add H for multiple handles per unit, IEGHS)
Panel Cutout Detail
Panel Thickness: (See Table)
DIM. “B”
(SEE TABLE)
DIM. “C”
(SEE TABLE)
Optional Handle Guard
DIMENSIONS “A”, “B”, “C”
Number of Poles
Dimension “A”, inches [ mm ]
Dimension “B”, inches [ mm ]
Dimension “C”, inches [ mm ]
1 pole
.750 [19.05] max
.780 ± .015 [19.81 ± .381]
2.180 ± .005
[55.37 ± .13]
2.186 ± .011
[55.52 ± .28]
2 pole
1.515 [38.48] max
1.540 ± .015 [39.12 ± .381]
3 pole
2.265 [57.53] max
2.290 ± .015 [58.17 ± .381]
4 pole
3.015 [76.58] max
3.040 ± .015 [77.22 ± .381]
Panel Thickness
.040 to .059
[1.02 to 1.50]
.060 to .100
[1.52 to 2.54]
IAG Series - Handles
http://airpax.sensata.com
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com