Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEG Datasheet(PDF) 23 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 23 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 16Page - Sensata Technologies, Inc. LEG Datasheet HTML 17Page - Sensata Technologies, Inc. LEG Datasheet HTML 18Page - Sensata Technologies, Inc. LEG Datasheet HTML 19Page - Sensata Technologies, Inc. LEG Datasheet HTML 20Page - Sensata Technologies, Inc. LEG Datasheet HTML 21Page - Sensata Technologies, Inc. LEG Datasheet HTML 22Page - Sensata Technologies, Inc. LEG Datasheet HTML 23Page - Sensata Technologies, Inc. LEG Datasheet HTML 24Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Internal Configuration
Third Decision
3
* Only one auxiliary switch is normally supplied on two pole
units. Switch is located in the right-hand pole (viewed from
terminal end) unless otherwise specified.
-1
-1REC4
-1REC5
-1REG4
-1RS4
-1RLS4
-3
Series
Series w/ auxiliary switch *
.110 quick connect
Series w/ auxiliary switch *
.187 quick connect
Series w/ auxiliary switch*
(gold contacts)
.110 quick connect
Series w/ alarm switch*,
electrical trip,
.110 Q.C. terminals
Series w/ alarm switch*,
electrical trip, mid-trip only,
.110 Q.C. terminals
Shunt
1
2
3
4
LEG 6 - 1REC4 - 61 - 20.0
- 01 - V
5
7
Example:
Black
Yellow
Red
Blue
Green
Orange
White
-00
-10
-20
-30
-40
-60
-90
-01 (STD)
-11
-21
-31
-41
-61
-91
Seventh Decision
7
Handle Color and Marking Selection
Toggle Handle
Fifth Decision
5
Rated Current
Use three numbers to print required current value
between .100 amps minimum and 30.0 amps maximum.
For example, use:
.100 or 2.00 or 10.0
Fourth Decision
4
Frequency and Delay
50/60Hz short delay
50/60Hz long delay
50/60Hz motor start
50/60Hz 125% instant trip
For addition of inertial delay, add an “F” to any
delay numeral. (Not available on units rated at
125VAC).
* CEG types are only available with DC ratings
-61
-62
-63
-69
Notes: A. Bezels of LEGBX are black.
B. Consult factory for other marking options.
Black
Red
Grey
Orange
White
-00
-20
-40
-50
-90
-01
-21
-41
-51
-91
-02
-22
-42
-52
-92
-03
-23
-43
-53
-93
-04
-24
-44
-54
-94
-05
-25
-45
-55
-95
-06
-26
-46
-56
-96
I-O
Fig.2
Unmarked
Marking
Detail
Seventh Decision
7
Rocker Handle Color, Indicator Color and Marking Selection (See Note)
LEGZX Rocker Handle (Single Rocker Color)
Rocker
Handle
Color
Indicating
Color
Marking
Color
Indicates:
On-Off
Fig.1
On-Off
I-O
Fig.3
On-Off
I-O
Fig.6
I-O
Fig.5
On-Off
Fig.4
A
Vertical Mounting
Horizontal Mounting
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Black
Black
Black
White
Red
Green
White
Red
Green
White
Red
Green
White
White
White
On
On
On
-J0
-K0
-L0
-J1
-K1
-L1
-J2
-K2
-L2
-J3
-K3
-L3
-J4
-K4
-L4
-J5
-K5
-L5
-J6
-K6
-L6
B
C
LEGZX Rocker Handle (Dual Rocker Color)
Black
Black
Black
Black
Black
Black
White
White
White
White
White
White
White
White
Black
Black
Black
On
On
On
Off
Off
Off
-A0
-B0
-C0
-F0
-G0
-H0
-A1
-B1
-C1
-F1
-G1
-H1
-A2
-B2
-C2
-F2
-G2
-H2
-A3
-B3
-C3
-F3
-G3
-H3
-A4
-B4
-C4
-F4
-G4
-H4
-A5
-B5
-C5
-F5
-G5
-H5
-A6
-B6
-C6
-F6
-G6
-H6
Black
Black
Black
Black
White
Red
Green
Yellow
White
Red
Green
Yellow
Off
Off
Off
Off
-M0
-N0
-P0
-R0
N/A
N/A
N/A
N/A
-M2
-N2
-P2
-R2
-M3
-N3
-P3
-R3
N/A
N/A
N/A
N/A
-M6
-N6
-P6
-R6
N/A
N/A
N/A
N/A
A
LEGBX Rocker Handle (Dual Rocker Color)
Sixth Decision
6
Notes:
1. One or more descriptions may be used as required.
2. When this is not used, table one may be substituted and U.S. thread
will be supplied. Unit will be rated at 250V (50/60Hz only.)
3. LEGS standard face plate has beveled sides(see pg. 90)
* Not available on mid-trip units
-A
-G
-L
-S
-X*
-Z
Standard hardware. No designation required.
Metric thread mounting inserts and terminals
Handle guard, (available in ZX, BX and snap-in
versions only)
Handle lock
Face plate sides flush with breaker
Handle guard with no actuation feature
(BX rocker only)
"Z" Barriers
Optional
The shaded areas denote VDE approval
options. This approval requires the addition
of a V at the end of the part number. The V
will be added to any part number formed
entirely from shaded decisions. If
non-shaded areas are selected, the unit will
not be VDE Approved, but other
approvals still apply.
V = VDE Approved
6
Color
Unmarked
Marked
ON-OFF
I-O
Handle marking color is white on black, red, blue & green
handles and black on white, yellow and orange handles.
See alternate 7th decision below for ZX & BZ rocker handles.
Standard toggle/mounting,
no designation required
Toggle w/ snap-in mounting
ZX Rocker w/ integral mounting*
BX Rocker w/ integral mounting
SelectType andTerminal
First Decision
1
LEG
LMG
LEGH
LMGH
Type
Handle and Mounting Options
S
ZX
BX
Description
One toggle handle per unit
One toggle handle per unit
mid-trip indication
One toggle handle per pole
One toggle handle per pole
mid-trip indication
Note: Add "F" for flat screw terminals
* Not available on mid-trip units
Note: All types are UL489 listed, CUL certified
*Not available in toggle seal handle type.
Second Decision
2
Poles andTerminals
1
11
6
66
Push-on
Terminals
Screw
Terminals
Single pole
Two pole
This approval requires the addition of a C at the end
of the part number. The unit will not be VDE Approved.
C = CCC Approved
MARKING DETAIL “A”
INDICATION “ON”
OFF
ON
ON
OFF
LOAD
LOAD
LINE
LOAD
LOAD
LINE
INDICATION “OFF”
LINE
LINE
LINE
LINE
FIG. 2
FIG. 3
FIG. 4
FIG. 5
FIG. 1
FIG. 6
OFF
ON
ON
OFF
OFF
ON
ON
OFF
ROCKER HANDLE
COLOR
INDICATING COLOR
INDICATING
COLOR
MOUNTING/INDICATOR CODE:
A, B, C
MOUNTING/INDICATOR CODE:
F, G, H
ROCKER HANDLE
COLOR
FIG. 2
FIG. 3
FIG. 4
FIG. 5
FIG. 1
FIG. 6
LINE
ROCKER HANDLE
COLOR
INDICATING COLOR
MARKING DETAIL “B”
OFF
ON
ON
OFF
OFF
ON
ON
OFF
O
O
INDICATION “ON”
ON
OFF
LINE
LOAD
LOAD LINE LOAD LINE LOAD LINE
MOUNTING/INDICATOR CODE:
J, K, L
O
O
MOUNTING/INDICATOR CODE: M, N, P, R
FIG. 2
FIG. 3
FIG. 6
LINE
LOAD
LOAD
LINE
O
OFFON
O
O
ON
OFF
MARKING DETAIL “C”
ON
I
OFF
O
INDICATION “OFF”
LINE
LEG Series - Decision Tables
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com