Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF175 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF175
Description  HF/VHF power MOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF175 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 4Page - NXP Semiconductors BLF175 Datasheet HTML 5Page - NXP Semiconductors BLF175 Datasheet HTML 6Page - NXP Semiconductors BLF175 Datasheet HTML 7Page - NXP Semiconductors BLF175 Datasheet HTML 8Page - NXP Semiconductors BLF175 Datasheet HTML 9Page - NXP Semiconductors BLF175 Datasheet HTML 10Page - NXP Semiconductors BLF175 Datasheet HTML 11Page - NXP Semiconductors BLF175 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
September 1992
8
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF175
List of components (class-A test circuit)
Note
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1
multilayer ceramic chip capacitor
(note 1)
39 pF
C2
multilayer ceramic chip capacitor
3
× 10 nF
2222 852 47103
C3, C4, C6
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C5
multilayer ceramic chip capacitor
10 nF
2222 852 47103
C7
multilayer ceramic chip capacitor
3
× 100 nF
2222 852 47104
C8
aluminium electrolytic capacitor
10
µF, 63 V
2222 030 28109
C9
multilayer ceramic chip capacitor
(note 1)
24 pF
L1
4 turns enamelled 0.6 mm copper
wire
86 nH
length 3.3 mm;
int. dia. 5 mm;
leads 2 x 2 mm
L2
36 turns enamelled 0.7 mm copper
wire wound on a rod grade 4B1
Ferroxcube drain choke
20
µH
length 30 mm;
int. dia. 5 mm
4330 030 30031
L3
grade 3B Ferroxcube wideband RF
choke
4312 020 36640
L4
8 turns enamelled 1 mm copper wire 189 nH
length 9.5 mm;
int. dia. 5 mm;
leads 2 x 3 mm
R1
0.4 W metal film resistor
24
Ω
R2
0.4 W metal film resistor
1500
Ω
R3
0.4 W metal film resistor
10
Ω
T1
4 : 1 transformer; 18 turns twisted
pair of 0.25 mm copper wire with
10 twists per cm, wound on a grade
4C6 toroidal core
dimensions
9 x 6 x 3 mm
4322 020 97171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com