Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF175 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLF175
Description  HF/VHF power MOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF175 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 8Page - NXP Semiconductors BLF175 Datasheet HTML 9Page - NXP Semiconductors BLF175 Datasheet HTML 10Page - NXP Semiconductors BLF175 Datasheet HTML 11Page - NXP Semiconductors BLF175 Datasheet HTML 12Page - NXP Semiconductors BLF175 Datasheet HTML 13Page - NXP Semiconductors BLF175 Datasheet HTML 14Page - NXP Semiconductors BLF175 Datasheet HTML 15Page - NXP Semiconductors BLF175 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
September 1992
12
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF175
List of components (class-AB test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with PTFE fibre-glass dielectric (
εr = 4.5),
thickness 1.6 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C10
multilayer ceramic chip capacitor
(note 1)
62 pF
C2, C4, C8, C11
film dielectric trimmer
5 to 60 pF
2222 809 07011
C3
multilayer ceramic chip capacitor
(note 1)
51 pF
C5, C6, C9
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C7
multilayer ceramic chip capacitor
(note 1)
10 pF
C12
aluminium electrolytic capacitor
10
µF, 63 V
2222 030 28109
L1
9 turns enamelled 1 mm copper wire 280 nH
length 11 mm;
int. dia. 6 mm;
leads 2 x 4 mm
L2, L3
stripline (note 2)
30
Ω
length 10 mm;
width 6 mm
L4
14 turns enamelled 1 mm copper
wire
1650 nH
length 20 mm;
int. dia. 12 mm;
leads 2 x 2 mm
L5
10 turns enamelled 1 mm copper
wire
380 nH
length 13 mm;
int. dia. 7 mm;
leads 2 x 3 mm
L6
grade 3B Ferroxcube wideband RF
choke
4312 020 36640
R1
0.4 W metal film resistor
22
Ω
R2
0.4 W metal film resistor
1 M
Ω
R3
0.4 W metal film resistor
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com