Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950908 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS950908
Description  Programmable Timing Control Hub™ for P4™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950908 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS950908 Datasheet HTML 1Page - Renesas Technology Corp ICS950908 Datasheet HTML 2Page - Renesas Technology Corp ICS950908 Datasheet HTML 3Page - Renesas Technology Corp ICS950908 Datasheet HTML 4Page - Renesas Technology Corp ICS950908 Datasheet HTML 5Page - Renesas Technology Corp ICS950908 Datasheet HTML 6Page - Renesas Technology Corp ICS950908 Datasheet HTML 7Page - Renesas Technology Corp ICS950908 Datasheet HTML 8Page - Renesas Technology Corp ICS950908 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS950908
Preliminary Product Preview
0653A—07/26/04
Pin Description
PIN
PIN
PIN
#
NAME
TYPE
1
*FS0/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
2
GND
PWR
Ground pin.
3
X1
IN
Crystal input, Nominally 14.318MHz.
4
X2
OUT
Crystal output, Nominally 14.318MHz
5
VDDAGP
PWR
Power supply for AGP clocks, nominal 3.3V
6
*MODE/AGPCLK0
I/O
Function select latch input pin, 1=Desktop Mode, 0=Mobile Mode / AGP clock output.
7
*SEL_408/K7/AGPCLK1
I/O
CPU output type select latch input pin 0= K7, 1= CK408 / AGP clock output.
8
*(PCI_STOP#)AGPCLK2
I/O
Stops all PCICLKs besides the PCICLK_F clocks at logic 0 level, when input low. This
input is activated by the MODE selection pin / AGP clock output.
9
GNDAGP
PWR
Ground pin for the AGP outputs
10
**FS1/PCICLK_F
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
11
**SEL_SDR/DDR#/PCICLK1
I/O
Memory type select latch input pin 0= DDR, 1= PC133 SDRAM / 3.3V PCI clock output.
12
*MULTSEL/PCICLK2
I/O
3.3V LVTTL input for selection the current multiplier for CPU outputs / 3.3V PCI clock
output.
13
GNDPCI
PWR
Ground pin for the PCI outputs
14
PCICLK3
OUT
PCI clock output.
15
PCICLK4
OUT
PCI clock output.
16
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
17
PCICLK5
OUT
PCI clock output.
18
*(CLK_STOP#)/PCICLK6
I/O
Stops all CPU, DDR/SDRAM and FB_OUT clocks at logic 0 level, when input low. This
input is activated by the MODE selection pin / PCI clock output.
19
GND48
PWR
Ground pin for the 48MHz outputs
20
*FS3/48MHz
I/O
Frequency select latch input pin / Fixed 48MHz clock output. 3.3V
21
*FS2/24_48MHz
I/O
Frequency select latch input pin / Fixed 24 or 48MHz clock output. 3.3V.
22
AVDD48
PWR
Analog power for 48MHz outputs and fixed PLL core, nominal 3.3V
23
VDD
PWR
Power supply, nominal 3.3V
24
GND
PWR
Ground pin.
25
IREF
OUT
This pin establishes the reference current for the differential current-mode output pairs.
This pin requires a fixed precision resistor tied to ground in order to establish the
appropriate current. 475 ohms is the standard value.
26
*(PD#)RESET#
I/O
Asynchronous active low input pin used to power down the device into a low power
state. This input is activated by the MODE selection pin / Real time system reset
signal for frequency gear ratio change or watchdog timer timeout. This signal is active
low.
27
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
28
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
DESCRIPTION
~ This output has 2X drive strength
Pin description continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com