Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950908 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS950908
Description  Programmable Timing Control Hub™ for P4™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950908 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS950908 Datasheet HTML 5Page - Renesas Technology Corp ICS950908 Datasheet HTML 6Page - Renesas Technology Corp ICS950908 Datasheet HTML 7Page - Renesas Technology Corp ICS950908 Datasheet HTML 8Page - Renesas Technology Corp ICS950908 Datasheet HTML 9Page - Renesas Technology Corp ICS950908 Datasheet HTML 10Page - Renesas Technology Corp ICS950908 Datasheet HTML 11Page - Renesas Technology Corp ICS950908 Datasheet HTML 12Page - Renesas Technology Corp ICS950908 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS950908
Preliminary Product Preview
0653A—07/26/04
Byte 10: Programming Enable bit 8 Watchdog Control Register
Byte 11: VCO Frequency M Divider (Reference divider) Control Register
Byte 12: VCO Frequency N Divider (VCO divider) Control Register
Byte 9: Watchdog Timer Count Register
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B8
v
i
d
NX
8
t
i
b
r
e
d
i
v
i
d
N
6
t
i
B6
v
i
d
MX
e
h
t
o
t
d
s
o
p
s
e
r
r
o
c
)
0
:
6
(
v
i
d
M
f
o
n
o
i
t
a
t
n
e
s
e
r
p
s
e
r
l
a
m
i
c
e
d
e
h
T
e
h
t
o
t
l
a
u
q
e
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
.
e
u
l
a
v
r
e
d
i
v
i
d
e
c
n
e
r
e
f
e
r
.
n
o
i
t
c
e
l
e
s
s
t
u
p
n
i
d
e
h
c
t
a
l
5
t
i
B5
v
i
d
MX
4
t
i
B4
v
i
d
MX
3
t
i
B3
v
i
d
MX
2
t
i
B2
v
i
d
MX
1
t
i
B1
v
i
d
MX
0
t
i
B0
v
i
d
MX
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B7
v
i
d
NX
e
h
t
o
t
d
n
o
p
s
e
r
r
o
c
)
0
:
8
(
v
i
d
N
f
o
n
o
i
t
a
t
n
e
s
e
r
p
e
r
l
a
m
i
c
e
d
e
h
T
e
h
t
o
t
l
a
u
q
e
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
.
e
u
l
a
v
r
e
d
i
v
i
d
O
C
V
.
1
1
e
t
y
B
n
i
d
e
t
a
c
o
l
s
i
8
v
i
d
N
e
c
i
t
o
N
.
n
o
t
c
e
l
e
s
s
t
u
p
n
i
d
e
h
c
t
a
l
6
t
i
B6
v
i
d
NX
5
t
i
B5
v
i
d
NX
4
t
i
B4
v
i
d
NX
3
t
i
B3
v
i
d
NX
2
t
i
B2
v
i
d
NX
1
t
i
B1
v
i
d
NX
0
t
i
B0
v
i
d
NX
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B7
D
W0
•
X
o
t
d
n
o
p
s
e
r
r
o
c
s
t
i
b
8
e
s
e
h
t
f
o
n
o
i
t
a
t
n
e
s
e
r
p
e
r
l
a
m
i
c
e
d
e
h
T
e
d
o
m
m
r
a
l
a
o
t
s
e
o
g
t
i
e
r
o
f
e
b
t
i
a
w
ll
i
w
r
e
m
i
t
g
o
d
h
c
t
a
w
e
h
t
s
m
0
9
2
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
.
g
n
i
t
t
e
s
e
f
a
s
e
h
t
o
t
y
c
n
e
u
q
e
r
f
e
h
t
t
e
s
e
r
d
n
a
.
s
d
n
o
c
e
s
6
.
4
=
s
m
0
9
2
•
6
1
6
t
i
B6
D
W0
5
t
i
B5
D
W0
4
t
i
B4
D
W1
3
t
i
B3
D
W0
2
t
i
B2
D
W0
1
t
i
B1
D
W0
0
t
i
B0
D
W0
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B
m
a
r
g
o
r
P
e
l
b
a
n
E
0
t
i
b
e
l
b
a
n
E
g
n
i
m
m
a
r
g
o
r
P
1
0
e
t
y
B
r
o
s
e
h
c
t
a
l
W
H
y
b
d
e
t
c
e
l
e
s
e
r
a
s
e
i
c
n
e
u
q
e
r
F
.
g
n
i
m
m
a
r
g
o
r
p
o
n
=
0
I
ll
a
e
l
b
a
n
e
=
2
.
g
n
i
m
a
r
g
o
r
p
C
6
t
i
Be
l
b
a
n
E
D
W0
.
t
i
b
e
l
b
a
n
E
g
o
d
h
c
t
a
W
e
r
a
w
t
f
o
S
.
e
l
b
a
n
E
=
1
,
e
l
b
a
s
i
d
=
0
.
e
u
l
a
v
d
e
h
c
t
a
l
N
E
D
W
e
t
i
r
w
r
e
v
o
ll
i
w
t
i
b
s
i
h
T
5
t
i
Bm
r
a
l
A
D
W0
s
u
t
a
t
s
m
r
a
l
a
=
1
l
a
m
r
o
n
=
0
s
u
t
a
t
S
m
r
a
l
A
g
o
d
h
c
t
a
W
4
t
i
B4
F
S0
e
f
a
s
e
h
t
e
r
u
g
i
f
n
o
c
ll
i
w
s
t
i
b
e
s
e
h
t
o
t
g
n
i
t
i
r
W
.
s
t
i
b
y
c
n
e
u
q
e
r
f
e
f
a
s
g
o
d
h
c
t
a
W
e
l
b
a
t
4
:
7
,
2
t
i
B
0
e
t
y
B
o
t
g
n
i
d
n
o
p
s
r
r
o
c
y
c
n
e
u
q
e
r
f
3
t
i
B3
F
S0
2
t
i
B2
F
S0
1
t
i
B1
F
S0
0
t
i
B0
F
S0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com