Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951416 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS951416
Description  System Clock Chip for ATI RS480
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951416 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS951416 Datasheet HTML 1Page - Renesas Technology Corp ICS951416 Datasheet HTML 2Page - Renesas Technology Corp ICS951416 Datasheet HTML 3Page - Renesas Technology Corp ICS951416 Datasheet HTML 4Page - Renesas Technology Corp ICS951416 Datasheet HTML 5Page - Renesas Technology Corp ICS951416 Datasheet HTML 6Page - Renesas Technology Corp ICS951416 Datasheet HTML 7Page - Renesas Technology Corp ICS951416 Datasheet HTML 8Page - Renesas Technology Corp ICS951416 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
ICS951416
0937H—05/26/05
General Description
The ICS951416 is a main clock synthesizer chip that provides all clocks required for ATI RS480-based systems.
An SMBus interface allows full control of the device.
Block Diagram
CPU PLL
PCICLK0
CONTROL
LOGIC
XTAL
OSC.
CPUCLK8(1:0)
FIXED PLL
USB_48MHz
SRC
DIV2
/8/7/6/5
REF(2:0)
HTTCLK0
ATIGCLK(1:0)
X1
X2
PCI33
DIV
HTT66
DIV
SRC PLL
CPU
DIV
CLKREQA#
SDATA
SCLK
FS(2:0)
CLKREQB#
SRC
DIV1
SRCCLK(7:3,0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com