Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951416 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS951416
Description  System Clock Chip for ATI RS480
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951416 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS951416 Datasheet HTML 4Page - Renesas Technology Corp ICS951416 Datasheet HTML 5Page - Renesas Technology Corp ICS951416 Datasheet HTML 6Page - Renesas Technology Corp ICS951416 Datasheet HTML 7Page - Renesas Technology Corp ICS951416 Datasheet HTML 8Page - Renesas Technology Corp ICS951416 Datasheet HTML 9Page - Renesas Technology Corp ICS951416 Datasheet HTML 10Page - Renesas Technology Corp ICS951416 Datasheet HTML 11Page - Renesas Technology Corp ICS951416 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
ICS951416
0937H—05/26/05
Table 3: CPU Divider Ratios
Bit
00
011011
MSB
00
0000
2
0100
4
1000
8
1100
16
01
0001
3
0101
6
1001
12
1101
24
10
0010
5
0110
10
1010
20
1110
40
11
0011
15
0111
30
1011
60
1111
120
LSB
Address
Div
Address
Div
Address
Div
Address
Div
Divider (3:2)
Table 4: HTT Divider Ratios
Bit
00
011011
MSB
00
0000
4
0100
8
1000
16
1100
32
01
0001
3
0101
6
1001
12
1101
24
10
0010
5
0110
10
1010
20
1110
40
11
0011
15
0111
30
1011
60
1111
120
LSB
Address
Div
Address
Div
Address
Div
Address
Div
Divider (3:2)
Table 5: SRC, ATIG Divider Ratios
Bit
00
011011
MSB
00
0000
2
0100
4
1000
8
1100
16
01
0001
3
0101
6
1001
12
1101
24
10
0010
5
0110
10
1010
20
1110
40
11
0011
7
0111
14
1011
28
1111
56
LSB
Address
Div
Address
Div
Address
Div
Address
Div
Divider (3:2)
Table 6: Group Skews
Parameter
Description
Test Conditions
Skew
Window
Unit
Tsk_CPU_CPU
CPU to CPU Skew
Measured at crossing
points of CPUCLKT rising
edges
250
ps
Tsk_CPU_PCI
CPU to PCI skew
Meastured at crossing
point for CPUCLKT and
1.5V for PCI clock
2000
ps
Tsk_PCI33-HT66 PCI33 to HT66 skew
Measured between rising
edges at 1.5V
500
ps
Tsk_CPU_HT66 CPU to HT66 skew
Meastured at crossing
point for CPUCLKT and
1.5V for HT66 clock
2000
ps
Tsk_CPU_CPU
CPU to CPU Skew
Measured at crossing
points of CPUCLKT rising
edges
200
ps
Tsk_CPU_PCI
CPU to PCI skew
Meastured at crossing
point for CPUCLKT and
1.5V for PCI clock
200
ps
Tsk_PCI33-HT66 PCI33 to HT66 skew
Measured between rising
edges at 1.5V
200
ps
Tsk_CPU_HT66 CPU to HT66 skew
Meastured at crossing
point for CPUCLKT and
1.5V for HT66 clock
200
ps
Tsk_SRC_SRC
SRC to SRC skew
Meastured at crossing
point for SRCCLKT
N/A
ps
T
i
m
e
V
a
r
i
a
n
t
m
e
I
n
d
e
p
e
n
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com