Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951702 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS951702
Description  PIII™ System Clock Chip for DDR SDRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951702 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS951702 Datasheet HTML 5Page - Renesas Technology Corp ICS951702 Datasheet HTML 6Page - Renesas Technology Corp ICS951702 Datasheet HTML 7Page - Renesas Technology Corp ICS951702 Datasheet HTML 8Page - Renesas Technology Corp ICS951702 Datasheet HTML 9Page - Renesas Technology Corp ICS951702 Datasheet HTML 10Page - Renesas Technology Corp ICS951702 Datasheet HTML 11Page - Renesas Technology Corp ICS951702 Datasheet HTML 12Page - Renesas Technology Corp ICS951702 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ICS951702
Advance Information
General 12C serial interface information
The information in this section assumes familiarity with 12C programming.
For more information, contact ICS for an 12C programming application note.
How to Write:
• Controller (host) sends a start bit.
• Controller (host) sends the write address D2 (H)
• ICS clock will acknowledge
• Controller (host) sends a dwnmy command code
• ICS clock will acknowledge
• Controller (host) sends a dummy byte count
• ICS clock will acknowledge
• Controller (host) starts sending first byte (Byte 0)
through byte 6
• ICS clock will acknowledge each byte one at a time.
• Controller (host) sends a Stop bit
How to Write:
Controller (Host)
ICS (Slave/Receiver)
Start Bit
Address
D2
(H)
ACK
Dummy Command Code
ACK
Dummy Byte Count
ACK
Byte 0
ACK
Byte 1
ACK
Byte 2
ACK
Bvte 3
ACK
Bvte 4
ACK
Byte 5
ACK
Byte 6
ACK
Byte 7
ACK
Stop Bit
Notes:
How to Read:
• Controller (host) will send start bit.
• Controller (host) sends the read address D3 (Hl
• ICS clock will acknowledge
• ICS clock will send the byte count
• Controller (host) acknowledges
• ICS clock sends first byte (Byte 0) through byte 7
• Controller (host) will need to acknowledge each byte
• Controller (host) will send a stop bit
How to Read:
Controller (Host)
ICS (Slave/Receiver)
Start Bit
Address
D3(H)
ACK
Byte Count
ACK
Byte 0
ACK
Byte 1
ACK
Byte 2
ACK
Byte 3
ACK
Byte 4
ACK
Bvte 5
ACK
Bvte 6
ACK
Byte 7
Stop Bit
1.
The ICS clock generator is a slave/receiver, 12C component. It can read back the data stored in the latches for
verification.
Read-Back will support Intel PIIX4 "Block-Read" protocol.
2.
The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode)
3.
The input is operating at 3.3V logic levels.
4.
The data byte format is 8 bit bytes.
5.
To simplify the clock generator 12C interface, the protocol is set to use only
"Block-Writes" from the controller.
The bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any
complete byte has been transferred. The Command code and Byte count shown above must be sent, but the
data is ignored for those two bytes. The data is loaded until a Stop sequence is issued.
6.
At power-on, all registers are set to a default condition, as shown.
0664---07/29/02
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com