Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952606 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS952606
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952606 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS952606 Datasheet HTML 1Page - Renesas Technology Corp ICS952606 Datasheet HTML 2Page - Renesas Technology Corp ICS952606 Datasheet HTML 3Page - Renesas Technology Corp ICS952606 Datasheet HTML 4Page - Renesas Technology Corp ICS952606 Datasheet HTML 5Page - Renesas Technology Corp ICS952606 Datasheet HTML 6Page - Renesas Technology Corp ICS952606 Datasheet HTML 7Page - Renesas Technology Corp ICS952606 Datasheet HTML 8Page - Renesas Technology Corp ICS952606 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS952606
0717F—06/10/05
Pin Configuration
Recommended Application:
CK409 48-pin part
Output Features:
•
2 - 0.7V current-mode differential CPU pairs
•
1 - 0.7V current-mode differential CPU pairs for ITP
•
1 - 0.7V current-mode differential SRC pair
•
9 - PCI (33MHz)
•
1 - USB, 48MHz
•
1 - DOT, 48MHz
•
2 - REF, 14.318MHz
•
3 - 3V66, 66.66MHz
•
1 - 3V66/VCH, selectable 48MHz or 66MHz
Key Specifications:
•
CPU/SRC outputs cycle-cycle jitter < 125ps
•
3V66 outputs cycle-cycle jitter < 250ps
•
PCI outputs cycle-cycle jitter < 250ps
•
CPU outputs skew: < 100ps
•
+/- 300ppm frequency accuracy on CPU & SRC clocks
Programmable Timing Control Hub™ for Next Gen P4™ processor
Functionality
Features/Benefits:
•
Supports tight ppm accuracy clocks for Serial-ATA
•
Supports spread spectrum modulation, 0 to -0.5%
down spread and +/- 0.25% center spread
•
Supports CPU clks up to 400MHz in test mode
•
Uses external 14.318MHz crystal
•
Supports undriven differential CPU, SRC pair in PD#
for power management.
48-pin SSOP
FS2
B6b5 FS_A FS_B
CPU
MHz
SRC
MHz
3V66
MHz
PCI
MHz
REF
MHz
USB/
DOT
MHz
0
0
100.00 100/200 66.66
33.33 14.318 48.00
0
1
200.00 100/200 66.66
33.33 14.318 48.00
1
0
133.33 100/200 66.66
33.33 14.318 48.00
1
1
166.66 100/200 66.66
33.33 14.318 48.00
0
0
200.00 100/200 66.66
33.33 14.318 48.00
0
1
400.00 100/200 66.66
33.33 14.318 48.00
1
0
266.66 100/200 66.66
33.33 14.318 48.00
1
1
333.33 100/200 66.66
33.33 14.318 48.00
0
1
*FSA/REF0
1
48 VDDA
*FSB/REF1
2
47 GND
VDDREF
3
46 IREF
X1
4
45 CPUCLKT_ITP
X2
5
44 CPUCLKC_ITP
GND
6
43 GND
PCICLK_F0
7
42 CPUCLKT1
PCICLK_F1
8
41 CPUCLKC1
PCICLK_F2
9
40 VDDCPU
VDDPCI 10
39 CPUCLKT0
GND 11
38 CPUCLKC0
PCICLK0 12
37 GND
PCICLK1 13
36 SRCCLKT
PCICLK2 14
35 SRCCLKC
PCICLK3 15
34 VDD
VDDPCI 16
33 Vtt_Pwrgd#
GND 17
32 SDATA
PCICLK4 18
31 SCLK
PCICLK5 19
30 3V66_0
PD# 20
29 3V66_1
48MHz_DOT 21
28 GND
48MHz_USB 22
27 VDD3V66
GND 23
26 3V66_2
VDD48 24
25 3V66_3/VCH
**120KW pull-down


Similar Part No. - ICS952606

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952606 ICST-ICS952606 Datasheet
162Kb / 20P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952606FLFT ICST-ICS952606FLFT Datasheet
162Kb / 20P
Programmable Timing Control Hub for Next Gen P4 processor
More results

Similar Description - ICS952606

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Renesas Technology Corp
952926 RENESAS-952926 Datasheet
327Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
953008 RENESAS-953008 Datasheet
311Kb / 21P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954119 RENESAS-954119 Datasheet
274Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954141 RENESAS-954141 Datasheet
288Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
ICS952607 RENESAS-ICS952607 Datasheet
397Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952623 RENESAS-ICS952623 Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952624 RENESAS-ICS952624 Datasheet
303Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS953002 RENESAS-ICS953002 Datasheet
507Kb / 36P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com