Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952606 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS952606
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952606 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS952606 Datasheet HTML 8Page - Renesas Technology Corp ICS952606 Datasheet HTML 9Page - Renesas Technology Corp ICS952606 Datasheet HTML 10Page - Renesas Technology Corp ICS952606 Datasheet HTML 11Page - Renesas Technology Corp ICS952606 Datasheet HTML 12Page - Renesas Technology Corp ICS952606 Datasheet HTML 13Page - Renesas Technology Corp ICS952606 Datasheet HTML 14Page - Renesas Technology Corp ICS952606 Datasheet HTML 15Page - Renesas Technology Corp ICS952606 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS952606
0717F—06/10/05
I
2C Table: Read-Back Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
RESERVED
RESERVED
-
X
Bit 6
-X
Bit 5
-X
Bit 4
RX
Bit 3
RX
Bit 2
RX
Bit 1
FSB
Freq Select 1 Read
Back
RX
Bit 0
FSA
Freq Select 0 Read
Back
RX
I
2C Table: Spreading and Device Behavior Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SRC/SRC#
SRC Free-Running
Control
RW
FREE-RUN
STOPPAB
LE
0
Bit 6
SRC
Output Control
RW
Disable
Enable
1
Bit 5
RX
Bit 4
RX
Bit 3
RX
Bit 2
RX
Bit 1
CPUT1/CPUC1
Output Control
RW
Disable
Enable
1
Bit 0
CPUT0/CPUC0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SRC_PD#
Drive Mode
0: Driven in PD#
RW
Driven
Hi-Z
0
Bit 6
SRC_Stop#
Drive Mode
0: Driven in PCI_Stop#
(byte3bit7)
RW
Driven
Hi-Z
0
Bit 5
RESERVED
RESERVED
-
X
Bit 4
CPUT1_PD# Drive Mode
RW
Driven
Hi-Z
0
Bit 3
CPUT0_PD# Drive Mode
RW
Driven
Hi-Z
0
Bit 2
RESERVED
RESERVED
-
X
Bit 1
RESERVED
RESERVED
-
X
Bit 0
RESERVED
RESERVED
-
X
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PCI_Stop#
PCI_Stop# Control
0:all stoppable PCI are
stopped
RW
Enable
Disable
1
Bit 6
RESERVED
RESERVED
-
X
Bit 5
PCICLK5
Output Control
RW
Disable
Enable
1
Bit 4
PCICLK4
Output Control
RW
Disable
Enable
1
Bit 3
PCICLK3
Output Control
RW
Disable
Enable
1
Bit 2
PCICLK2
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK1
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK0
Output Control
RW
Disable
Enable
1
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
0:driven in PD#
1: Tri-stated
Byte 3
Byte 0
-
-
-
RESERVED
-
-
RESERVED
RESERVED
Byte 1
-
RESERVED
RESERVED
RESERVED
-
-
RESERVED
READBACK of
CPU(2:0) Frequency
Byte 2
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com