Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF246 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF246
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF246 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF246 Datasheet HTML 4Page - NXP Semiconductors BLF246 Datasheet HTML 5Page - NXP Semiconductors BLF246 Datasheet HTML 6Page - NXP Semiconductors BLF246 Datasheet HTML 7Page - NXP Semiconductors BLF246 Datasheet HTML 8Page - NXP Semiconductors BLF246 Datasheet HTML 9Page - NXP Semiconductors BLF246 Datasheet HTML 10Page - NXP Semiconductors BLF246 Datasheet HTML 11Page - NXP Semiconductors BLF246 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1996 Oct 21
8
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF246
List of components (see Figs 11 and 12).
Notes
1. American Technical Ceramics capacitor, type 100B or other capacitor of the same quality.
2. The striplines are mounted on a double copper-clad PCB with epoxy fibre-glass dielectric (
ε
r = 4.5),
thickness 1.6 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C4, C5, C8,
C14
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C2, C3, C6, C7
film dielectric trimmer
5 to 60 pF
2222 809 08003
C9
electrolytic capacitor
2.2
µF, 63 V
2222 030 38228
C10
multilayer ceramic chip capacitor;
note 1
68 pF+39pF
in parallel
C11
multilayer ceramic chip capacitor;
note 1
69 pF + 100 pF
in parallel
C12
multilayer ceramic chip capacitor;
note 1
2x 100 pF
in parallel
C13
multilayer ceramic chip capacitor;
note 1
62 pF
L1
5 turns enamelled 0.6 mm copper
wire
52 nH
length 6.5 mm
int. dia. 3 mm
leads 2
× 10 mm
L2
2 turns enamelled 0.6 mm copper
wire
19 nH
length 3.5 mm
int. dia. 3 mm
leads 2
× 7.5 mm
L3, L4
stripline; note 2
31
Ω
length 13 mm
width 6 mm
L5
3 turns enamelled 1.6 mm copper
wire
36 nH
length 12 mm
int. dia. 6 mm
leads 2
× 5mm
L6
hairpin of enamelled 1.6 mm
copper wire
14 nH
length 20 mm
L7
grade 3B Ferroxcube HF choke
4312 020 36640
L8
3 turns enamelled 1.6 mm copper
wire
52 nH
length 8 mm
int. dia. 6 mm
leads 2
× 9mm
R1
metal film resistor
2
× 24 Ω in
parallel, 0.4 W
R2
metal film resistor
100 k
Ω, 0.4 W
R3
metal film resistor
10
Ω, 0.4 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com