Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0010TR Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAADSS0010TR
Description  Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAADSS0010TR Datasheet(HTML) 1 Page - Tyco Electronics

  MAADSS0010TR Datasheet HTML 1Page - Tyco Electronics MAADSS0010TR Datasheet HTML 2Page - Tyco Electronics MAADSS0010TR Datasheet HTML 3Page - Tyco Electronics MAADSS0010TR Datasheet HTML 4Page - Tyco Electronics MAADSS0010TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Digital Attenuator, 5-Bit, 31 dB
400 - 2500 MHz
MAADSS0010
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• 5 Bits, 1 dB Steps
• Excellent Accuracy
• Single Positive Control (+3 V to +5 V)
• Lead-Free QSOP-16 (SSOP-16) Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MAATSS0002
Description
M/A-COM’s MAADSS0010 is a 1 dB step GaAs
MMIC digital attenuator with 31 dB attenuation
range in a lead-free QSOP-16 (SSOP-16) package.
It requires external DC blocking capacitors on the
RF ports, positive supply voltage and five individual
bit control voltages.
The MAADSS0010 is particularly suited where high
attenuation accuracy, low insertion loss and low
intermodulation products are required.
Typical
applications include base stations, wireless data,
and wireless local loop gain level control circuits.
The MAADSS0010 is fabricated using M/A-COM’s
GaAs 1.0 micron process. The process features full
chip passivation for increased performance and
reliability.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
9
RF2
2
GND
10
GND
3
VC1
11
GND
4
VC2
12
GND
5
VC3
13
GND
6
VC4
14
GND
7
VC5
15
GND
8
GND
16
RF1
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
+34 dBm
Voltage
+7 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Ordering Information
1
Part Number
Package
MAADSS0010
Bulk Packaging
MAADSS0010TR
1000 piece reel
MAADSS0010SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Functional Schematic
16 dB
8 dB
4 dB
2 dB
1 dB
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAADSS0010TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0010TR MA-COM-MAADSS0010TR Datasheet
135Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
More results

Similar Description - MAADSS0010TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0002 MACOM-MAATSS0002 Datasheet
303Kb / 5P
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com