Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0010TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAADSS0010TR
Description  Digital Attenuator, 5-Bit, 31 dB (400 - 2500 MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAADSS0010TR Datasheet(HTML) 2 Page - Tyco Electronics

  MAADSS0010TR Datasheet HTML 1Page - Tyco Electronics MAADSS0010TR Datasheet HTML 2Page - Tyco Electronics MAADSS0010TR Datasheet HTML 3Page - Tyco Electronics MAADSS0010TR Datasheet HTML 4Page - Tyco Electronics MAADSS0010TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital Attenuator, 5-Bit, 31 dB
400 - 2500 MHz
MAADSS0010
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, Vs = +5 V, Vc = 0 V / 5 V
Parameter
Conditions
Units
Min.
Typ.
Max.
Insertion Loss (reference state)
0.8 - 1.5 GHz
1.5 - 2.0 GHz
2.0 - 2.5 GHz
dB
dB
dB
—
—
—
1.8
2.2
2.7
1.9
2.3
2.9
Accuracy
0.8 - 1.5 GHz
1.5 - 2.0 GHz
2.0 - 2.5 GHz
± (0.3 dB + 4% of Attenuation)
± (0.3 dB + 3% of Attenuation)
± (0.4 dB + 3% of Attenuation)
Step Change
0.8 - 1.5 GHz
1.5 - 2.0 GHz
2.0 - 2.5 GHz
dB
dB
dB
0.4
0.4
0.4
1.0
1.0
1.0
1.4
1.6
1.8
Attenuation Range
0.8 - 2.5 GHz
dB
—
31
—
VSWR
0.8 - 2.5 GHz
ratio
—
—
2.0:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µS
—
2
—
Ton, Toff
50% Control to 10% / 90% RF
µS
—
2
—
Transients
In Band
mV
—
120
—
P1dB
+3V, 0.8 - 2.5 GHz
+5V, 0.8 - 2.5 GHz
dBm
dBm
15
18
21
27
—
—
IP3
Two tones, Pin < +5 dBm/tone
+3 V, 0.8 - 2.5 GHz
+5 V, 0.8 - 2.5 GHz
dBm
dBm
34
43
—
—
—
—
Control Current
Vc
Vs
µA
µA
—
—
—
—
40
200
Truth Table
4
Control Inputs
VC5
VC4
VC3
VC2
VC1
Attenuation (dB)
1
1
1
1
1
Reference
0
1
1
1
1
1 dB
1
0
1
1
1
2 dB
1
1
0
1
1
4 dB
1
1
1
0
1
8 dB
1
1
1
1
0
16 dB
4.
0 = 0.0 V ± 0.2 V
1 = Vs = 5.0 V ± 0.2 V
Operating Instructions
The MAADSS0010 is designed to operate with 5 V logic levels.
The difference between +3 V and +5 V operation is minimal for
small signal performance. IIP3, however, is a strong function of
voltage. +3 V is the minimum voltage at which the product will
reliably operate.
The MAADSS0010 requires a parallel interface that allows the
user to enter a 5 bit digital word. Each state increments the
attenuation by 1.0 dB giving a total range of 31 dB.
The MAADSS0010 is not internally DC blocked.
This means
that the device requires DC blocking capacitors on the RF1 and
RF2 ports. M/A-COM recommends 0.1 uF to allow for the entire
frequency
range
to
be
utilized.
Higher
frequency
applications can use smaller value capacitors as DC blocks.
For
application
information
concerning
this
and
other
M/A-COM
products,
please
visit
our
website
at
www.macom.com, where information including soldering pro-
files, reliability procedures, and S-parameter data can be found.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com