Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1990ILM Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1990ILM
Description  Dual Programmable LED Current Sink
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1990ILM Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1990ILM Datasheet HTML 3Page - Microsemi Corporation LX1990ILM Datasheet HTML 4Page - Microsemi Corporation LX1990ILM Datasheet HTML 5Page - Microsemi Corporation LX1990ILM Datasheet HTML 6Page - Microsemi Corporation LX1990ILM Datasheet HTML 7Page - Microsemi Corporation LX1990ILM Datasheet HTML 8Page - Microsemi Corporation LX1990ILM Datasheet HTML 9Page - Microsemi Corporation LX1990ILM Datasheet HTML 10Page - Microsemi Corporation LX1990ILM Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
 2001
Rev. 1.0c, 2002-05-29
LX1990
Dual Programmable LED Current Sink
INTEGR A T E D
PR ODU C T S
APPLI CATIONS
APPLI CATIONS
APPLI CATIONS
APPLI CATIONS
4K
3.3V
V
LO AD
VDD
ENA
ISET GND
I
OUTA
I
OUTB
ON /OFF
Open Collector or
O pen Drain Drive
.1µF
100K
+5V
VDD
ENA
ISET GND
I
OUTA
I
OUTB
ON/OFF
4K
LOAD
Up to 10 Volts
4K
WH T
GR N
GRN
+5V
VDD
ENA
ISET GND
I
OUTA
I
OUTB
D0
D1
D2
D3
OUT
1.25V
ON/OFF
.1µF
Figure 2 – Auto Dashboard
or Instrument Front Panel
LED Array
Figure 3 – Color LCD Display &
Keypad Illumination
Figure 4 – Variable Current Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com