Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1990ILM Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1990ILM
Description  Dual Programmable LED Current Sink
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1990ILM Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1990ILM Datasheet HTML 1Page - Microsemi Corporation LX1990ILM Datasheet HTML 2Page - Microsemi Corporation LX1990ILM Datasheet HTML 3Page - Microsemi Corporation LX1990ILM Datasheet HTML 4Page - Microsemi Corporation LX1990ILM Datasheet HTML 5Page - Microsemi Corporation LX1990ILM Datasheet HTML 6Page - Microsemi Corporation LX1990ILM Datasheet HTML 7Page - Microsemi Corporation LX1990ILM Datasheet HTML 8Page - Microsemi Corporation LX1990ILM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
 2001
Rev. 1.0c, 2002-05-29
LX1990
Dual Programmable LED Current Sink
INTEGR A T E D
PR ODU C T S
DESCRI PTION
DESCRI PTION
DESCRI PTION
DESCRI PTION
The LX1990 is a dual output current
sink optimized for driving light emitting
diodes. This low cost bipolar IC enables
precise
current
regulation
in
LED
display
lighting
applications,
yet
requires far fewer parts than discrete
solutions. The LX1990 is supplied in a
micro-miniature 6 lead MLP package
featuring a 3 x 3 mm footprint, a profile
of less than 1mm, and much improved
thermal performance. Its two output sink
currents are accurately matched and
require only one resistor to program.
Program current is only 1% of the
output currents, and quiescent current is
low, providing a very high efficiency
driver for battery-powered displays.
The LX1990 is based on a current-
mirror
architecture
that
transfers
a
reference current produced at the ISET
pin to each of two open-collector current
sinking outputs.
The output stages
multiply this reference current by 100 to
sink independently regulated currents up
to 30 mA.
Light output from LED’s is proportional
to average current through them; they can
easily produce a brightness range of 500:1.
However, color of emitted light is shifted
by current amplitude. Color shift at low
light levels can be reduced by driving the
LED’s with a constant peak current while
dimming with duty cycle control.
This is achieved by driving the ISET
resistor with a PWM signal.
A 500:1
brightness range can
be achieved
by
choosing 270 Hz as the PWM frequency (to
avoid optical beating with 50/60 Hz room
lights)
and
pulse
width
from
3.7
milliseconds to 7.4 microseconds.
The LX1990 features a shutdown mode
via the Enable pin.
In this mode the
LX1990 consumes less than 1
µA and holds
the two open collector output stages off.
This pin may also be used to pulse width
modulate output current. See applications
section for dimming details.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY F E ATURE S
KEY F E ATURE S
KEY F E ATURE S
KEY F E ATURE S
• Programmable Sink Current
0.1 to 30mA x 2 Channels
• Replaces Discrete Transistor
Circuitry With A Single Package
• 300mV Maximum Current Sink
Dropout Voltage at 20mA
• 2.7 to 5.5V Power Supply Input
• IOUT Compliance Voltage from
0.1 to 10VDC
• Enable Input With <1µA Sleep
Current
• Amplitude and PWM Dimming
• Current rise and fall time may
be controlled to reduce EMI
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
• Cell Phone Display Illumination
• PDA White LED Display
Lighting
• Automotive Display Illumination
• Digital Still Camera
• Camcorders
• Consumer Electronics Front
Panels
PRODUCT H I GHL IG HT
PRODUCT H I GHL IG HT
PRODUCT H I GHL IG HT
PRODUCT H I GHL IG HT
5V
LX1990
VDD
I
OUT B
GND
I
OUT A
ISET
R
SE T
ENA
V
LO AD
ON/OFF
PACKAGE ORDER INFO
TA (
°°°°C)
LM
Plastic MLP
6-Pin
-40 to 85
LX1990ILM
Note: Available in Tape & Reel.
Append the letter “T” to the part number. (i.e. LX1990ILM-T)


Similar Part No. - LX1990ILM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
Dual Programmable LED Current Sink
More results

Similar Description - LX1990ILM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6915 PANASONIC-AN6915 Datasheet
38Kb / 3P
Large Sink Current Dual Comparators
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Microsemi Corporation
LX1991 MICROSEMI-LX1991 Datasheet
277Kb / 9P
Six Output Programmable LED Current Sink
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Power Analog Micoelectr...
PAM2810 PAM-PAM2810 Datasheet
164Kb / 10P
4-Channel Programmable LED Current Sink
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990_05 Datasheet
213Kb / 11P
Dual Programmable LED Current Sink
logo
Texas Instruments
REF200 TI-REF200_15 Datasheet
1Mb / 34P
REF200 Dual Current Source and Current Sink
REF200 TI1-REF200 Datasheet
1Mb / 34P
Dual Current Source and Current Sink
logo
ON Semiconductor
CAT4003B ONSEMI-CAT4003B_12 Datasheet
178Kb / 12P
Constant Current Programmable LED Driver
January, 2012 ??Rev. 2
logo
List of Unclassifed Man...
ICN2038S ETC1-ICN2038S Datasheet
1Mb / 18P
(16-Channel Constant Current LED Sink Driver with Dual Latch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com