Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9108 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA9108
Description  MONITOR HORIZONTAL PROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9108 Datasheet(HTML) 7 Page - STMicroelectronics

  TDA9108 Datasheet HTML 1Page - STMicroelectronics TDA9108 Datasheet HTML 2Page - STMicroelectronics TDA9108 Datasheet HTML 3Page - STMicroelectronics TDA9108 Datasheet HTML 4Page - STMicroelectronics TDA9108 Datasheet HTML 5Page - STMicroelectronics TDA9108 Datasheet HTML 6Page - STMicroelectronics TDA9108 Datasheet HTML 7Page - STMicroelectronics TDA9108 Datasheet HTML 8Page - STMicroelectronics TDA9108 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
APPLICATION INFORMATION
Sync Extractor and Polarity Detection
This circuit is able to handle both positive or nega-
tive TTL input signal on Pin 9. The voltage on Pin
10 drives an internal inverter providing a constant
sync polarity to the 1st phase comparator.
When using a RC network between Pin 9 and 10
(see Typical Application), the IC will adapt itself
automatically to positive or negative sync. On an
other hand, and in order to simplified the applica-
tion, the Pin 10 can be connected to ground or
supply (through a resistor), in this case the IC will
work only with one sync polarity.
1st PLL
It is composed by a phase comparator, the oscilla-
tor and an external loop filter (see Figure 2)
- The phase comparator receives the H-sync sig-
nal (with positive polarity) and a signal coming
from the internal current controlled oscillator. The
loop is closed through an external resistor be-
tween Pin 11 and 13.
- The oscillatorgenerates a sawtooth waveform on
Pin 12 by charging and discharging the external
capacitor. The capacitor is discharging by the
current flowing Pin 13 and charged by two times
this latter (see Figure 3).
The sawtooth is used internally to generate all the
required timings.
It is possible to DC control the frequency by adding
or substracting a DC current on Pin 13 (see Fig-
ure 2).
11
13
VCO
PHASE
COMPARATOR
12
LOOP
FILTER
H-sync
R1
P1
Figure 2
12
13
Pin 12
T
1/3T
VREF
Figure 3
2nd Phase Locked Loop
To compensate the delay introduced by the hori-
zontal final stage, the flyback pulse (Pin 6) and the
oscillator waveform (Pin 12) are compared in the
2nd phase comparator. The result of the compari-
son is a control current which, after it has been
filtered by the external capacitor on Pin 5, is sent
to a phase shifter which adequately regulates the
horizontal output pulses phase.
The maximum phase shift allowed is td =tp -tf
where tf is the flyback duration (see Figure 4).
If td >tp -tf, then the horizontal output transistor will
be tunned on during flyback distroying it.
HORIZONTAL
FLYBACK
HORIZONTAL
DRIVE
t f
H P
t p
t d
BU ON
BU OFF
Figure 4
TDA9108
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com