Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9108 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9108
Description  MONITOR HORIZONTAL PROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9108 Datasheet(HTML) 8 Page - STMicroelectronics

  TDA9108 Datasheet HTML 1Page - STMicroelectronics TDA9108 Datasheet HTML 2Page - STMicroelectronics TDA9108 Datasheet HTML 3Page - STMicroelectronics TDA9108 Datasheet HTML 4Page - STMicroelectronics TDA9108 Datasheet HTML 5Page - STMicroelectronics TDA9108 Datasheet HTML 6Page - STMicroelectronics TDA9108 Datasheet HTML 7Page - STMicroelectronics TDA9108 Datasheet HTML 8Page - STMicroelectronics TDA9108 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
X-Ray Protection Input (Pin 8)
When the voltage on this pin becomes higher then
2.9V (typ.), the horizontal outputs are inhibited
(Pins 2 and 3) and will remains in this condition until
a reset is made on supply voltage (power-
off/power-on).
H-Duty Cycle (see Figure 5)
The output duty cycle is variable between 0 and
50% by varying the voltage on Pin 4.
In order to maintain
± 5% horizontal phase adjust-
ment possibilities the following equation must be
respected.
(1) Hperiod
tp
100
− 0.25
−
tfly
2
≤ td
⇒ If not, tp will decrease because of H-drive trailing edge wrong
position (phase shifter saturation)
(2)
td
≤ 0.36 Hp -
tfly
2
-2
µs
⇒ If not, tp will decrease because of H-drive leading edge wrong
position (phase shifter saturation)
HORIZONTAL
FLYBACK
HORIZONTAL
DRIVE
BU OFF
HORIZONTAL
DRIVE
BU OFF
VPin 13
Equation (2)
Equation (1)
H-drive trailing
edge limit
H-drive leading
edge limit
Figure 5
TDA9108
8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com