| Electronic Components Datasheet Search |
|
DSPIC30F Datasheet(PDF) 129 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F Datasheet(HTML) 129 Page - Microchip Technology |
|
129 / 220 page ![]() 2004 Microchip Technology Inc. Preliminary DS70116C-page 127 dsPIC30F5011/5013 19.0 12-BIT ANALOG-TO-DIGITAL CONVERTER (A/D) MODULE The 12-bit Analog-to-Digital converter (A/D) allows conversion of an analog input signal to a 12-bit digital number. This module is based on a Successive Approximation Register (SAR) architecture and pro- vides a maximum sampling rate of 100 ksps. The A/D module has up to 16 analog inputs which are multi- plexed into a sample and hold amplifier. The output of the sample and hold is the input into the converter which generates the result. The analog reference volt- age is software selectable to either the device supply voltage (AVDD/AVSS) or the voltage level on the (VREF+/VREF-) pin. The A/D converter has a unique feature of being able to operate while the device is in Sleep mode with RC oscillator selection. The A/D module has six 16-bit registers: • A/D Control Register 1 (ADCON1) • A/D Control Register 2 (ADCON2) • A/D Control Register 3 (ADCON3) • A/D Input Select Register (ADCHS) • A/D Port Configuration Register (ADPCFG) • A/D Input Scan Selection Register (ADCSSL) The ADCON1, ADCON2 and ADCON3 registers con- trol the operation of the A/D module. The ADCHS reg- ister selects the input channels to be converted. The ADPCFG register configures the port pins as analog inputs or as digital I/O. The ADCSSL register selects inputs for scanning. The block diagram of the 12-bit A/D module is shown in Figure 19-1. FIGURE 19-1: 12-BIT A/D FUNCTIONAL BLOCK DIAGRAM Note: The SSRC<2:0>, ASAM, SMPI<3:0>, BUFM and ALTS bits, as well as the ADCON3 and ADCSSL registers, must not be written to while ADON = 1. This would lead to indeterminate results. Comparator 12-bit SAR Conversion Logic VREF+ AVSS AVDD DAC 16-word, 12-bit Dual Port Buffer AN12 0000 0101 0111 1001 1101 1110 1111 1100 0001 0010 0011 0100 0110 1000 1010 1011 AN13 AN14 AN15 AN8 AN9 AN10 AN11 AN4 AN5 AN6 AN7 AN0 AN1 AN2 AN3 CH0 CH0R CH0G VREF- Sample/Sequence Control Sample Input Mux Control Input Switches S/H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |