| Electronic Components Datasheet Search |
|
DSPIC30F Datasheet(PDF) 165 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F Datasheet(HTML) 165 Page - Microchip Technology |
|
165 / 220 page ![]() 2004 Microchip Technology Inc. Preliminary DS70116C-page 163 dsPIC30F5011/5013 22.20 PICDEM 18R PIC18C601/801 Demonstration Board The PICDEM 18R demonstration board serves to assist development of the PIC18C601/801 family of Microchip microcontrollers. It provides hardware implementation of both 8-bit Multiplexed/Demultiplexed and 16-bit Memory modes. The board includes 2 Mb external Flash memory and 128 Kb SRAM memory, as well as serial EEPROM, allowing access to the wide range of memory types supported by the PIC18C601/801. 22.21 PICDEM LIN PIC16C43X Demonstration Board The powerful LIN hardware and software kit includes a series of boards and three PICmicro microcontrollers. The small footprint PIC16C432 and PIC16C433 are used as slaves in the LIN communication and feature on-board LIN transceivers. A PIC16F874 Flash microcontroller serves as the master. All three micro- controllers are programmed with firmware to provide LIN bus communication. 22.22 PICkitTM 1 Flash Starter Kit A complete “development system in a box”, the PICkit Flash Starter Kit includes a convenient multi-section board for programming, evaluation and development of 8/14-pin Flash PIC® microcontrollers. Powered via USB, the board operates under a simple Windows GUI. The PICkit 1 Starter Kit includes the User’s Guide (on CD ROM), PICkit 1 tutorial software and code for various applications. Also included are MPLAB® IDE (Integrated Development Environment) software, software and hardware “Tips 'n Tricks for 8-pin Flash PIC® Microcontrollers” Handbook and a USB interface cable. Supports all current 8/14-pin Flash PIC microcontrollers, as well as many future planned devices. 22.23 PICDEM USB PIC16C7X5 Demonstration Board The PICDEM USB Demonstration Board shows off the capabilities of the PIC16C745 and PIC16C765 USB microcontrollers. This board provides the basis for future USB products. 22.24 Evaluation and Programming Tools In addition to the PICDEM series of circuits, Microchip has a line of evaluation kits and demonstration software for these products. •KEELOQ evaluation and programming tools for Microchip’s HCS Secure Data Products • CAN developers kit for automotive network applications • Analog design boards and filter design software • PowerSmart battery charging evaluation/ calibration kits •IrDA® development kit • microID development and rfLabTM development software • SEEVAL® designer kit for memory evaluation and endurance calculations • PICDEM MSC demo boards for Switching mode power supply, high-power IR driver, delta sigma ADC and flow rate sensor Check the Microchip web page and the latest Product Selector Guide for the complete list of demonstration and evaluation kits. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |