Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2-71083-LR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # D2-71083-LR
Description  Intelligent Digital Amplifier and Sound Processor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

D2-71083-LR Datasheet(HTML) 3 Page - Renesas Technology Corp

  D2-71083-LR Datasheet HTML 1Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 2Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 3Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 4Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 5Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 6Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 7Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 8Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
D2-6 Family Audio SOC
FN7838 Rev.4.00
Page 3 of 33
Mar. 19, 2019
D2-6 Family Device Feature Set Offering
The D2-6 family has specific part numbers to specify the features and algorithms supported in the device. These part numbers and
their supported features are shown in Table 1.
TABLE 1. D2-6 DEVICE PART NUMBERS AND FEATURES
PART NUMBER
FEATURES
ALGORITHM SUPPORT
(Note 4)
DSP CLOCK AND MEMORY
(Note 5)
D2-71083-LR
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2 Audio DSP Sound Enhancement
Algorithm Audio Processing
147MHz DSP Clock
24k X and Y Memory Capacities
32k P Memory Capacity
D2-74083-LR
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2 Audio DSP Sound Enhancement
Algorithm Audio Processing
160MHz DSP Clock
40k X and Y Memory Capacities
56k P Memory Capacity
D2-71583-LR
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2 Audio DSP Sound Enhancement
Dolby® Digital/AC3 Decoder
Dolby® Pro Logic IIx
DTS® Digital Surround Decoder
147MHz DSP Clock
24k X and Y Memory Capacities
32k P Memory Capacity
D2-74583-LR
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2 Audio DSP Sound Enhancement
Dolby® Digital/AC3 Decoder
Dolby® Pro Logic IIx
DTS® Digital Surround Decoder
160MHz DSP Clock
40k X and Y Memory Capacities
56k P Memory Capacity
D2-74383-LR
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2 Audio DSP Sound Enhancement
Algorithm
Dolby® Digital Plus
Dolby® Pro Logic IIx
DTS® Digital Surround Decoder
160MHz DSP Clock
40k X and Y Memory Capacities
56k P Memory Capacity
D2-71683-LR (No longer
available, recommended
replacement: D2-71583-LR)
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2 Audio DSP Sound Enhancement
Dolby® Digital/AC3 Decoder
Dolby® Pro Logic IIx Surround
DTS® Digital Surround Decoder
AAC LC™ Decoder
147MHz DSP Clock
24k X and Y Memory Capacities
32k P Memory Capacity
NOTES:
4. D2 Audio DSP Sound Enhancements are included with all D2-6 family devices with no additional licensing or royalties required. The D2-71583-LR and
D2-74583-LR devices include Dolby Digital and DTS Digital Surround support and third part licenses are required. The D2-74383-LR device includes
Dolby Digital Plus and DTS Digital Surround support and third party licenses are required. Dolby Pro Logic IIx support is an optional feature that can
be added to the D2-71583-LR, D2-74583-LR, and D2-74383-LR products. Additional third part licensing is required for Dolby Pro Logic IIx.
5. 147MHz DSP clock speed represents an actual DSP clock of 147.456MHz, and 160MHz DSP clock speed represents an actual DSP clock of
159.744MHz, when using a crystal frequency of 24.576MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com