Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2-71083-LR Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # D2-71083-LR
Description  Intelligent Digital Amplifier and Sound Processor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

D2-71083-LR Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button D2-71083-LR Datasheet HTML 25Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 26Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 27Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 28Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 29Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 30Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 31Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 32Page - Renesas Technology Corp D2-71083-LR Datasheet HTML 33Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
D2-6 Family Audio SOC
FN7838 Rev.4.00
Page 32 of 33
Mar. 19, 2019
Package Outline Drawing
D
E
D1
E1
e
128X b
L
(L1)
A1
A2
A
R2
R1
S
02
0 3
b1
c1
c
b
1
32
33
64
65
96
97
128
SEATING PLANE
Y
0.080 Y
DETAIL F
DETAIL F
124X
0.25 GAUGE
PLATING
0.05
0.07
Y T-U
Z
U
T
0.2 H T-U Z
4X
0.2 Y T-U Z
4X
H
PLANE
01
0
PIN 1
M
Q128.14x14
128 LEAD LOW PLASTIC QUAD FLATPACK
PACKAGE .4 MM PITCH (LQFP)
SYMBOL
MILLIMETERS
NOTES
MIN
NOM
MAX
A
-
1.60
-
A1
0.05
0.15
-
A2
1.35
1.40
1.45
-
b
0.13
0.16
0.23
4
b1
0.13
-
0.19
-
c
0.09
-
0.20
-
c1
0.09
-
0.16
-
D
16 BSC
-
D1
14 BSC
3
E
16 BSC
-
E1
14 BSC
3
L
0.45
0.60
0.75
-
L1
1.00 REF
-
R1
0.08
-
-
-
R2
0.08
-
0.20
-
S
0.20
---
00°
3.5°
7°
-
01
0°
-
-
-
02
11°
12°
13°
-
03
11°
12°
13°
-
N
128
-
e0.40 BSC
-
Rev. 1 7/11
NOTES:
1. Dimensions are in millimeters. Dimensions in ( ) for
Reference Only.
2. Dimensions and tolerances per AMSEY14.5M-1994.
3. Dimensions D1 and E1 are excluding mold protrusion.
Allowable protrusion is 0.25 per side. Dimensions D1
and E1 are exclusive of mold mismatch and deter-
mined by datum plane H.
4. Dimension b does not include dambar protrusion.
Allowable dambar protrusion shall not cause the lead
width to exceed the maximum b dimension by more
than 0.08mm. Dambar cannot be located at the lower
radius or the foot. Minimum space between protrusion
and an adjacent lead is 0.07 mm.
For the most recent package outline drawing, see Q128.14x14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com