Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT261 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # BT261
Description  30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT261 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button BT261 Datasheet HTML 17Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 18Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 19Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 20Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 21Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 22Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 23Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 24Page - List of Unclassifed Manufacturers BT261 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Brooktree®
15
CIRCUIT DESCRIPTION
The Status Registers SR00 and SR05 Used in Automatic Phase
L261_H
Bt261
30 MHz Pixel Clock Monolithic CMOS HSYNC Line Lock Controller
The Status Registers SR00 and SR05 Used in
Automatic Phase Limiting
Bits 0 and 5 of the status register can be used to debug phase-locked-loop operation
of the Bt261. Phase-lock pixel-count bits CR27–CR24 define a pixel count used by
the Bt261 to determine if the part is in “Lock.” The Bt261 compares the time dur-
ing which the phase comparator is active (the PLL correction time) with the time
defined in pixel count. If the compare time is less than phase-lock pixel count, the
loop is considered locked and SR00 is not altered. If the compare time is greater
than the phase-lock pixel count, SR00 is reset to zero. Previous to query, SR00
must be set to one by writing to command bit CR12.
CR37–CR30 contains the phase-lock line count. This register determines the
number of lines that must have a phase error less than that defined in the
CR27–CR24 phase-lock pixel count for the system to be considered continuously
locked. SR05 is reset to zero if there have been phase-lock line-count number of
continuous lines with phase error less than that defined in the phase-lock pixel
count. SR05 cannot be altered by the MPU. SR05 is set to one if SR00 is set to zero
on any line (indicating a phase error greater than that defined in phase-lock pixel
count).
Bit 5 of the status register is used by the phase-limiting circuitry to determine if
phase limiting should be enabled or disabled. If phase limiting is automatic, i.e.,
when phase limiting is enabled and lock is not overridden, (CR10 = CR22 = 1),
SR05 determines whether phase limiting should be performed. SR05 is the lock
control indicated in Figure 3a.
The active period compared with the value in CR27–CR24 is output directly
from the phase comparator. Because of this, all digital noise-gate and phase-limit
operation is included when the phase error is compared with the phase-lock pix-
el-count value. Therefore, the value in CR27–CR24 must be less than 500 ns in the
typical case or 350 ns in the worst case commercial temperature range. This re-
quirement ensures that a phase-limited line is not incorrectly interpreted as a
locked line.
SR05 can be used as a PLL debug tool. If the status register is addressed and the
RD* pin of the Bt261 is held low, then SR05 will indicate the lock status. This bit
will set low when lock is held for the number of lines defined in the phase-lock line
count. When this condition is observed while the phase-comparator output is
viewed through two vertical intervals, the Bt261 response relative to the loop per-
formance can be studied. Lock should be indicated well before the next vertical in-
terval (see Figure 6). Phase-limit enable must be deactivated during this evaluation
(CR10 = 0); otherwise, phase limiting will affect the ability to monitor the loop-ac-
quisition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com