Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29PL-J55BAI011 Datasheet(PDF) 62 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 62 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 58Page - SPANSION S29PL-J55BAI011 Datasheet HTML 59Page - SPANSION S29PL-J55BAI011 Datasheet HTML 60Page - SPANSION S29PL-J55BAI011 Datasheet HTML 61Page - SPANSION S29PL-J55BAI011 Datasheet HTML 62Page - SPANSION S29PL-J55BAI011 Datasheet HTML 63Page - SPANSION S29PL-J55BAI011 Datasheet HTML 64Page - SPANSION S29PL-J55BAI011 Datasheet HTML 65Page - SPANSION S29PL-J55BAI011 Datasheet HTML 66Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
60
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
15.8
Erase Suspend/Erase Resume Commands
The Erase Suspend command, B0h, allows the system to interrupt a sector erase operation and then read
data from, or program data to, any sector not selected for erasure. The bank address is required when writing
this command. This command is valid only during the sector erase operation, including the 80 µs time-out
period during the sector erase command sequence. The Erase Suspend command is ignored if written during
the chip erase operation or Embedded Program algorithm.
When the Erase Suspend command is written during the sector erase operation, the device requires a
maximum of 35 µs to suspend the erase operation. However, when the Erase Suspend command is written
during the sector erase time-out, the device immediately terminates the time-out period and suspends the
erase operation. Addresses are “don’t-cares” when writing the Erase suspend command.
After the erase operation has been suspended, the bank enters the erase-suspend-read mode. The system
can read data from or program data to any sector not selected for erasure. (The device “erase suspends” all
sectors selected for erasure.) Reading at any address within erase-suspended sectors produces status
information on DQ7–DQ0. The system can use DQ7, or DQ6 and DQ2 together, to determine if a sector is
actively erasing or is erase-suspended. Refer to Write Operation Status on page 64 for information on these
status bits.
After an erase-suspended program operation is complete, the bank returns to the erase-suspend-read mode.
The system can determine the status of the program operation using the DQ7 or DQ6 status bits, just as in
the standard Word Program operation. Refer to Write Operation Status on page 64 for more information.
In the erase-suspend-read mode, the system can also issue the autoselect command sequence. The device
allows reading autoselect codes even at addresses within erasing sectors, since the codes are not stored in
the memory array. When the device exits the autoselect mode, the device reverts to the Erase Suspend
mode, and is ready for another valid operation. Refer to Table 10.9, Secured Silicon Sector Addresses
on page 39 and Autoselect Command Sequence on page 56 for details.
To resume the sector erase operation, the system must write the Erase Resume command (address bits are
don’t care). The bank address of the erase-suspended bank is required when writing this command. Further
writes of the Resume command are ignored. Another Erase Suspend command can be written after the chip
has resumed erasing.
If the Persistent Sector Protection Mode Locking Bit is verified as programmed without margin, the Persistent
Sector Protection Mode Locking Bit Program Command should be reissued to improve program margin. If the
Secured Silicon Sector Protection Bit is verified as programmed without margin, the Secured Silicon Sector
Protection Bit Program Command should be reissued to improve program margin. µµAfter programming a
PPB, two additional cycles are needed to determine whether the PPB has been programmed with margin. If
the PPB has been programmed without margin, the program command should be reissued to improve the
program margin. Also note that the total number of PPB program/erase cycles is limited to 100 cycles.
Cycling the PPBs beyond 100 cycles is not guaranteed.
After erasing the PPBs, two additional cycles are needed to determine whether the PPB has been erased
with margin. If the PPBs has been erased without margin, the erase command should be reissued to improve
the program margin. The programming of either the PPB or DYB for a given sector or sector group can be
verified by writing a Sector Protection Status command to the device.
Note that there is no single command to independently verify the programming of a DYB for a given sector
group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com