Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29PL-J55BAI011 Datasheet(PDF) 63 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 63 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 59Page - SPANSION S29PL-J55BAI011 Datasheet HTML 60Page - SPANSION S29PL-J55BAI011 Datasheet HTML 61Page - SPANSION S29PL-J55BAI011 Datasheet HTML 62Page - SPANSION S29PL-J55BAI011 Datasheet HTML 63Page - SPANSION S29PL-J55BAI011 Datasheet HTML 64Page - SPANSION S29PL-J55BAI011 Datasheet HTML 65Page - SPANSION S29PL-J55BAI011 Datasheet HTML 66Page - SPANSION S29PL-J55BAI011 Datasheet HTML 67Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
61
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
15.9
Program Suspend/Program Resume Commands
The Program Suspend command allows the system to interrupt an embedded programming operation so that
data can read from any non-suspended sector. When the Program Suspend command is written during a
programming process, the device halts the programming operation within tPSL (program suspend latency)
and updates the status bits. Addresses are “don’t-cares” when writing the Program Suspend command. After
the programming operation has been suspended, the system can read array data from any non-suspended
sector. The Program Suspend command may also be issued during a programming operation while an erase
is suspended. In this case, data may be read from any addresses not in Erase Suspend or Program Suspend.
If a read is needed from the Secured Silicon Sector area, then user must use the proper command
sequences to enter and exit this region. The system may also write the autoselect command sequence when
the device is in Program Suspend mode. The device allows reading autoselect codes in the suspended
sectors, since the codes are not stored in the memory array. When the device exits the autoselect mode, the
device reverts to Program Suspend mode, and is ready for another valid operation. See “Autoselect
Command Sequence” for more information. After the Program Resume command is written, the device
reverts to programming. The system can determine the status of the program operation using the DQ7 or
DQ6 status bits, just as in the standard program operation. See “Write Operation Status” for more
information. The system must write the Program Resume command (address bits are “don’t care”) to exit the
Program Suspend mode and continue the programming operation. Further writes of the Program Resume
command are ignored. Another Program Suspend command can be written after the device has resumed
programming.
15.10 Command Definitions Tables
Table 15.1 on page 62 contains the Memory Array Command Definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com