Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3000 Datasheet(PDF) 27 Page - Pico Technology Ltd.

Part # 3000
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3000 Datasheet(HTML) 27 Page - Pico Technology Ltd.

Back Button 3000 Datasheet HTML 20Page - Pico Technology Ltd. 3000 Datasheet HTML 21Page - Pico Technology Ltd. 3000 Datasheet HTML 22Page - Pico Technology Ltd. 3000 Datasheet HTML 23Page - Pico Technology Ltd. 3000 Datasheet HTML 24Page - Pico Technology Ltd. 3000 Datasheet HTML 25Page - Pico Technology Ltd. 3000 Datasheet HTML 26Page - Pico Technology Ltd. 3000 Datasheet HTML 27Page - Pico Technology Ltd. 3000 Datasheet HTML 28Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
PicoScope 3000 Series
Ordering information
Order code
Description
Bandwidth (MHz)
Channels
Capture memory (MS)
PP958
PicoScope 3203D
50
2
64
PP956
PicoScope 3203D MSO
50
2+16
64
PP962
PicoScope 3403D
50
4
64
PP957
PicoScope 3403D MSO
50
4+16
64
PP959
PicoScope 3204D
70
2
128
PP931
PicoScope 3204D MSO
70
2+16
128
PP963
PicoScope 3404D
70
4
128
PP934
PicoScope 3404D MSO
70
4+16
128
PP960
PicoScope 3205D
100
2
256
PP932
PicoScope 3205D MSO
100
2+16
256
PP964
PicoScope 3405D
100
4
256
PP935
PicoScope 3405D MSO
100
4+16
256
PP961
PicoScope 3206D
200
2
512
PP933
PicoScope 3206D MSO
200
2+16
512
PP965
PicoScope 3406D
200
4
512
PP936
PicoScope 3406D MSO
200
4+16
512
Accessories
Order code
Description
TA375
TA375 Passive oscilloscope probe: 100 MHz bandwidth 1:1/10:1 switchable
TA386
TA386 Passive oscilloscope probe: 200 MHz bandwidth 1:1/10:1 switchable
TA136
TA136 20-way digital input cable for MSOs
TA139
TA139 Logic test clips, pack of 12
PS011
PS011 5 V AC power adaptor
TA155
TA155 USB 3.0 cable, 1.8 m
PP969
PP969 Hard carry case – medium
Calibration service
Order code
Description
CC017
Calibration certificate for PicoScope 3000 Series oscilloscope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com