Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3000 Datasheet(PDF) 4 Page - Pico Technology Ltd.

Part # 3000
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3000 Datasheet(HTML) 4 Page - Pico Technology Ltd.

  3000 Datasheet HTML 1Page - Pico Technology Ltd. 3000 Datasheet HTML 2Page - Pico Technology Ltd. 3000 Datasheet HTML 3Page - Pico Technology Ltd. 3000 Datasheet HTML 4Page - Pico Technology Ltd. 3000 Datasheet HTML 5Page - Pico Technology Ltd. 3000 Datasheet HTML 6Page - Pico Technology Ltd. 3000 Datasheet HTML 7Page - Pico Technology Ltd. 3000 Datasheet HTML 8Page - Pico Technology Ltd. 3000 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
PicoScope 3000 Series
Application examples
Testing on the move
The PicoScope 3000 Series oscilloscopes slip easily into a laptop bag, so you don’t need to carry bulky benchtop
instruments to perform on-site troubleshooting. Being powered via a USB connection, you can simply plug your PicoScope
into your laptop and use it for measuring wherever you are. The PC connection also makes saving and sharing your data
quick and easy: in a matter of seconds you can save your scope traces to review later, or attach the complete data file to an
email for analysis by other engineers away from the test site. As PicoScope 6 is free to download by anyone, colleagues can
use the full capabilities of the software, such as serial decoding and spectrum analysis, without needing an oscilloscope
themselves.
Embedded debugging
You can test and debug a complete signal-processing chain using a PicoScope 3406D
MSO.
Use the built-in arbitrary waveform generator (AWG) to inject single-shot or continuous
analog signals. The response of your system can then be observed in both the analog
domain, using the four 200 MHz input channels, and in the digital domain with 16 digital
inputs at up to 100 MHz. Follow the analog signal through the system while simultaneously
using the built-in serial decoding function to view the output of an I2C or SPI ADC.
If your system drives a DAC in response to the analog input changing, you can decode the
I2C or SPI communication to that as well as its analog output. This can all be performed
simultaneously using the 16 digital and 4 analog channels.
Using the deep 512 MS capture memory, you can capture the complete response of your
system without sacrificing the sampling rate, and zoom in on the captured data to find
glitches and other points of interest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com