Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC006 Datasheet(PDF) 9 Page - Pico Technology Ltd.

Part # CC006
Description  High-accuracy platinum resistance data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

CC006 Datasheet(HTML) 9 Page - Pico Technology Ltd.

  CC006 Datasheet HTML 1Page - Pico Technology Ltd. CC006 Datasheet HTML 2Page - Pico Technology Ltd. CC006 Datasheet HTML 3Page - Pico Technology Ltd. CC006 Datasheet HTML 4Page - Pico Technology Ltd. CC006 Datasheet HTML 5Page - Pico Technology Ltd. CC006 Datasheet HTML 6Page - Pico Technology Ltd. CC006 Datasheet HTML 7Page - Pico Technology Ltd. CC006 Datasheet HTML 8Page - Pico Technology Ltd. CC006 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Ordering information
Order code Product name
Description
PP682
PT-104 Platinum Resistance Data Logger
Four-channel temperature, resistance and voltage measuring data
logger
Optional accessories
Order code Product name
Description
PP660
Screw terminal adaptor for PT-104
Connection accessory for PT-104
MI106
USB 2.0 cable, 1.8 m**
Replacement Pico blue USB 2.0 cable, 1.8 m
TA268
USB 2.0 cable, 0.5 m**
Pico blue USB 2.0 cable, 0.5 m
CC006
Calibration certificate for RTD loggers
Calibration service offered by Pico on its resistance temperature
detector data loggers.
*
Prices correct at the time of publication. Sales taxes not included. Please check www.picotech.com for the latest prices before ordering.
** Pico blue USB cables are designed and built specifically for use with Pico Technology oscilloscopes and data loggers in order to minimize
voltage drop and noise. Take care to use your PT-104 data logger with Pico blue USB cables only.
Errors and omissions excepted. Pico Technology, PicoLog Cloud and PicoSDK are internationally registered trademarks of Pico Technology
Ltd.
LabVIEW is a trademark of National Instruments Corporation. Linux is the registered trademark of Linus Torvalds, registered in the U.S. and
other countries. macOS is a trademark of Apple Inc., registered in the U.S. and other countries. MATLAB is a registered trademark of The
MathWorks, Inc. Windows and Excel are registered trademarks of Microsoft Corporation in the United States and other countries.
MM000.en-9. Copyright © 2010–2021 Pico Technology Ltd. All rights reserved.
www.picotech.com
@picotechnologyltd
Pico Technology
Pico Technology
@LifeAtPico
@picotech
United Kingdom global headquarters
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
sales@picotech.com
North America regional office
Pico Technology
320 N Glenwood Blvd
Tyler
TX 75702
United States
+1 800 591 2796
sales@picotech.com
Asia-Pacific regional office
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
+86 21 2226‑5152
pico.asia‑pacific@picotech.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com