Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC006 Datasheet(PDF) 7 Page - Pico Technology Ltd.

Part # CC006
Description  High-accuracy platinum resistance data logger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

CC006 Datasheet(HTML) 7 Page - Pico Technology Ltd.

  CC006 Datasheet HTML 1Page - Pico Technology Ltd. CC006 Datasheet HTML 2Page - Pico Technology Ltd. CC006 Datasheet HTML 3Page - Pico Technology Ltd. CC006 Datasheet HTML 4Page - Pico Technology Ltd. CC006 Datasheet HTML 5Page - Pico Technology Ltd. CC006 Datasheet HTML 6Page - Pico Technology Ltd. CC006 Datasheet HTML 7Page - Pico Technology Ltd. CC006 Datasheet HTML 8Page - Pico Technology Ltd. CC006 Datasheet HTML 9Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PT-104 Platinum Resistance Data Logger
Specifications
Input/output
Type
Temperature
Resistance
Voltage
Sensor
PT100, PT1000
n/a
n/a
Range
−200 to +800 °C
0 to 375 Ω
0 to 10 kΩ
0 to 115 mV
0 to 2.5 V
Accuracy (unit at 23 ±2 °C)
0.015 °C
+ 0.01% of reading
50 ppm at 100 Ω
0.4%
Temperature coefficient
5 ppm/°C
5 ppm/°C
100 ppm/°C
RMS noise with filter
0.01 °C
10 ppm
10 ppm
Resolution
0.001 °C
1 µΩ
0.156 µV
Overload protection
±30 V
Number of inputs
4
Converter resolution
24 bits
Conversion time
720 ms per channel
Input connectors
4-pin mini-DIN
Input impedance
> 1 MΩ
Environmental
Operating environment
Temperature range
Humidity range
0 to 70 °C (20 to 30 °C for quoted accuracy)
20 to 90 %RH, non‑condensing
Storage environment
Temperature range
Humidity
−20 to +80 °C
5 to 95 %RH, non–condensing
Physical properties
Dimensions
184 x 135 x 36 mm (approx 5.31 x 7.24 x 1.42 in)
Weight
350 g (approx 12.3 oz)
General
Software
PicoLog Cloud, PicoSDK (available from www.picotech.com/downloads)
Example code (available from Pico’s GitHub organization page, github.com/picotech)
PicoLog user interface languages
English, French, Italian, German, Spanish, Chinese, Japanese, Korean, Russian
PC requirements (PicoLog Cloud app) Windows, macOS, Linux or Raspberry Pi OS. For supported OS versions, see PicoLog 6 Release Notes.
Hardware as required by the operating system.
PC requirements (viewer)
Any device with internet access, a web browser and a screen
Additional hardware (supplied)
USB 2.0 cable, Ethernet cable, user manuals
PC interface
USB 2.0 full speed (USB 1.1 and 3.1 compatible) and Ethernet
Power requirements
Powered from USB port or power over Ethernet compatible port



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com