Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7121 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7121
Description  Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7121 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7121 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7121
Quad Port Bypass Circuit for 1.0625 Gbit/sec
Fibre Channel Arbitrated Loop Disk Arrays
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/31/98
G52110-0, Rev. 4.1
Table 2: AC Characteristics (Over recommended operating conditions).
Table 3: DC Characteristics (Over recommended operating conditions).
Parameters
Description
Min.
Max.
Units
Conditions
T1
Flow-Through Propagation Delay
Rising Edge to Rising Edge
7.0
ns
Delay with all circuits bypassed. 75
Ohm Load
T2
Flow through Propagation Delay
Falling Edge to Falling Edge
7.0
ns
Delay with all circuits bypassed. 75
Ohm load.
TSDR, TSDF
Serial data rise and fall time
—
300
ps.
20% to 80%, tested on a sample basis
Parameters
Description
Min
Typ
Max
Units
Conditions
VIH(TTL)
Input HIGH voltage (SEL - TTL)
2.0
—
5.5
V
IIH < 6.6 mA @ VIH = 5.5 V
VIL(TTL)
Input LOW voltage (SEL - TTL)
0
—
0.8
V
—
IIH(TTL)
Input HIGH current (SEL- TTL)
—
50
500
µAV
IN = 2.4 V
IIL(TTL)
Input LOW current (SEL - TTL)
—
—
-500
µAV
IN = 0.5 V
VDD
Supply voltage
3.10
—
3.50
V
VDD = 3.30V + 5%
IDD
Supply current
—
—
170
mA
Outputs open, VDD = VDD max
PD
Power Dissipation
0.6
W
Outputs open, VDD = VDD max
∆V
IN(DF)
Receiver differential peak-to-peak
Input Sensitivity, IN+/- & L_SIn+/-
300
2600
mVp-p
AC Coupled.
Internally biased at VDD/2
∆V
OUT(L_SO)
L_SOn+/- output differential peak-
to-peak voltage swing
1000
—
2200
mVp-p
50
Ω to V
DD – 2.0 V
∆V
OUT(OUT)
OUT+/- output differential peak-to-
peak voltage swing
1200
2200
mVp-p
50
Ω to V
DD – 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com