Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7121 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7121
Description  Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7121 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7121 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7121 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
8/31/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7121
Quad Port Bypass Circuit for 1.0625 Gbit/sec
Fibre Channel Arbitrated Loop Disk Arrays
G52110-0, Rev. 4.1
Description
The VSC7121 is a Quad Port Bypass Circuit (PBC). Four Fibre Channel PBC’s are cascaded into a single
part to minimize part count, cost, high frequency routing, and jitter accumulation. Port Bypass Circuits are used
to provide resiliency in Fibre Channel Arbitrated Loop (FC-AL) architectures. PBC’s are used within FC-AL
disk arrays to allow for resiliency and hot swapping of FC-AL drives.
A Port Bypass Circuit is a 2:1 Multiplexer with two modes of operation: NORMAL and BYPASS. In NOR-
MAL mode, the disk drive is connected to the loop. Data goes from the 7121’s L_SOn pin to the Disk Drive RX
input and data from the disk drive TX output goes to the 7121’s L_SIn pin. Refer to Figure 2 for disk drive
application. In BYPASS mode, the disk drive is either absent or non-functional and data bypasses to the next
available disk drive. Normal mode is enabled with a HIGH on the SEL pin and BYPASS mode is enabled by a
LOW on the SEL pin. Direct Attach Fibre Channel Disk Drives have an “LRC Interlock” signal defined to con-
trol the SEL function.
Using a VSC7121 in a single loop of a disk array is illustrated in Figure 2: “Disk Array Application”. FC-
AL drives are all expected to be dual loop. The VSC7121 is cascaded in a manner such that all the 7121’s inter-
nal PBC’s are used in the same loop. For dual loop implementations, two or more VSC7121’s should be used.
Allocating each VSC7121 to only one of two loops preserves redundancy, prevents a single point of failure and
lends itself to on-line maintainability.
7121 Block Diagram
The VSC7121 can be cascaded through the IN and OUT pins for arrays of disk drives greater than 4. For
disk arrays with a noninteger multiple of 4 disk drives, the unused PBC’s can be hardwired to bypass with a
external pulldown resistor.
• Supports ANSI X3T11 1.0625 Gbit/sec
FC-AL Disk Attach for Resiliency
• Fully Differential for Minimum
Jitter Accumulation.
• Quad PBC’s in Single Package
• TTL Bypass Select
• High Speed, PECL I/O’s Referenced to VDD.
• 0.5W Typical Power Dissipation
• 3.3V Power Supply
• 44-Pin, 10mm PQFP
IN+
IN-
OUT+
OUT-
1
00
1
0
1
0
1
PBC1
PBC2
PBC3
PBC4


Similar Part No. - VSC7121

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QU VITESSE-VSC7123QU Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7121

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7125 VITESSE-VSC7125 Datasheet
123Kb / 16P
1.0625 Gbits/sec Fibre Channel Transceiver
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
VSC7126 VITESSE-VSC7126 Datasheet
223Kb / 16P
1.0625 Gbits/sec Fibre Channel Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7128 VITESSE-VSC7128 Datasheet
92Kb / 10P
Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
logo
Agilent(Hewlett-Packard...
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com