Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS3003-MC1 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HS3003-MC1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-MC1 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HS3003-MC1 Datasheet HTML 3Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 4Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 5Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 6Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 7Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 8Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 9Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 10Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
HS300x-MC1 Datasheet
R36DS0018EU0101 Rev.1.01
Jul 12, 2022
Page 7
3.2
Temperature Sensor Specification
Table 4. Temperature Sensor Specification, TA = +25°C, VDD = 2.3V to 5.5V
Parameter
Condition
Minimum
Typical
Maximum
Unit
Range
-40
125
°C
Accuracy
HS3001/3002-
MC1
-10°C to 80°C
-
±0.2
±0.3
°C
-40°C to -10°C
-
±0.4
±0.5
80°C to 125°C
-
±0.5
±0.6
HS3003-MC1
0°C to 70°C
-
±0.25
±0.35
-10°C to 0°C
-
±0.3
±0.5
-20°C to -10°C
-
±0.35
±0.55
-30°C to -20°C
-
±0.4
±0.6
-40°C to -30°C
-
±0.55
±0.8
70°C to 125°C
-
±0.8
±1.0
HS3004-MC1
0°C to 70°C
-
±0.3
±0.5
-10°C to 0°C
-
±0.5
±0.8
-20°C to -10°C
-
±0.6
±1.0
-30°C to -20°C
-
±0.8
±1.3
-40°C to -30°C
-
±1.0
±1.5
70°C to 125°C
-
±1.5
±2.0
Resolution
8- bit
0.6
0.9
1.5
°C
14-bit
0.01
0.015
0.025
Response Time Constant [ 1] (
τ
T)
2..0
-
-
Sec.
Long-Term Stability
-
-
0.02
°C/Yr
Supply Voltage Dependency [ 2]
VDD ≥ 2.8V
-
0.03
0.1
°C/V
1.8V < VDD < 2.8V
-
1.25
2.25
°C/V
1.
Response time depends on system thermal mass and air flow.
2.
Temperature accuracy can be optimized for specified supply voltages upon request.
3.3
Sleep Current
The sleep current of the HS300x-MC1 series depends on the operating temperature, as shown in the following
figure. Note that there is no significant dependence of the sleep current on the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com