Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS3003-MC1 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HS3003-MC1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-MC1 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HS3003-MC1 Datasheet HTML 11Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 12Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 13Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 14Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 15Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 16Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 17Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 18Page - Renesas Technology Corp HS3003-MC1 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
HS300x-MC1 Datasheet
R36DS0018EU0101 Rev.1.01
Jul 12, 2022
Page 18
11. Ordering Information
Part Number
Description and Package
Carrier Type
Temp. Range
HS3001-MC1
Digital Relative Humidity and Temperature Sensor.
±1.5%RH (Typical), 16.0 × 24.0 × 6.5 mm module
Tray
-20°C to +85°C
HS3002-MC1
Digital Relative Humidity and Temperature Sensor.
±1.8%RH (Typical), 16.0 × 24.0 × 6.5 mm module
Tray
-20°C to +85°C
HS3003-MC1
Digital Relative Humidity and Temperature Sensor.
±2.5%RH (Typical), 16.0 × 24.0 × 6.5 mm module
Tray
-20°C to +85°C
HS3004-MC1
Digital Relative Humidity and Temperature Sensor.
±3.5%RH (Typical), 16.0 × 24.0 × 6.5 mm module
Tray
-20°C to +85°C
12. Revision History
Revision
Date
Description
1.01
Jul 12, 2022
Expanded Table 4, temperature specification.
Updated Package Outline Drawings diagram.
1.00
Nov 9, 2021
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com