Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSFLK-DS Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # FSFLK-DS
Description  Freescale Sensor Fusion Library for Kinetis
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FSFLK-DS Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button FSFLK-DS Datasheet HTML 16Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 17Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 18Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 19Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 20Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 21Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 22Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Mechanical and Electrical Specifications
20
Freescale
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
Table 11. Memory Requirements for “All Algorithms” Builds
Freedom Platform
Text
Data
BSS
Flash
RAM
CodeWarrior
FRDM-KL25Z
96028
72
14776
96100
14848
FRDM-KL26Z
96020
72
14780
96092
14852
FRDM-KL46Z
95956
72
14780
96028
14852
FRDM-K20D50M
88116
72
14972
88188
15044
FRDM-K64F
79724
84
16484
79808
16568
KDS
FRDM-KL25Z
77812
172
14816
77984
14988
FRDM-KL26Z
77828
172
14816
78000
14988
FRDM-KL46Z
77772
172
14816
77944
14988
FRDM-K20D50M
67356
172
15008
67528
15180
FRDM-K64F
65024
184
16652
65208
16836
FRDM-K22F
62268
184
16492
62452
16676
Table 12. CodeWarrior Memory Requirements for FRDM-KL25Z and Single Algorithm
Freedom Platform
Text
Data
BSS
Flash
RAM
Accel (Tilt)
34280
64
12580
34344
12644
2D Mag
53904
64
12580
53968
12644
Gyro Only
33944
64
12528
34008
12592
Accel/Mag
55172
64
12588
55236
12652
Accel/Gyro
54716
72
12892
54788
12964
9-axis
75552
64
13664
75616
13728
4.7 Magnetic Calibration Metrics
4.7.1
Background
Hard-iron effects are due to magnetic materials in the vicinity of the sensor. These materials result in an
apparent offset to sensor readings when the source of interference is fixed spatially, relative to the
sensor.
For a given point in space, plotting magnetometer measurements at various sensor rotations results in
the sphere shown on the right hand side of Figure 12. This makes sense, as the magnitude of the 3D
magnetic field should not change just because the sensor is rotated.
Soft-iron effects result from the interaction of ferrous materials near the sensor interacting with the
ambient magnetic field. If the source of soft iron interference is again fixed spatially with respect to the
sensor and does not demonstrate magnetic hysteresis, then the sphere of plotted measurements is
distorted into an ellipsoid. This is shown (along with a hard-iron offset) on the left side of Figure 12.
Reference 2: Orientation Representations provides background on the topic of hard- and soft-iron
magnetic compensation. For the case where the sensor and sources of interference are spatially fixed
with respect to one another, the distortions are linear, and can be reversed mathematically. This is the
function of the Freescale magnetic calibration library.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com