Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSFLK-DS Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # FSFLK-DS
Description  Freescale Sensor Fusion Library for Kinetis
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FSFLK-DS Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button FSFLK-DS Datasheet HTML 3Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 4Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 5Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 6Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 7Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 8Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 9Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 10Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs
Freescale Semiconductor, Inc.
2.3 Accelerometer Plus Magnetometer
The accelerometer plus magnetometer configuration is often used as an electronic compass.
electronic compass is subject to the linear acceleration equals zero, assumption. Accuracy is
dependent upon negligible magnetic interference from the environment in which the sensors travel.
Figure 2. Accelerometer plus
2.4 Accelerometer Plus Gyroscope
Using a gyroscope in addition to an accelerometer yields the ability to smoothly measure rotation in 3D
space, although the system can only yield orientation to some random horizontal global frame of
reference. That is, the system has no sense of magnetic north. Computation of yaw is not supported by
this configuration.
This configuration is commonly known as an Inertial Measurement Unit (IMU).
Figure 3. Accelerometer Plus Gy
2.5 Accelerometer Plus Magnetometer Plus Gyroscope
Sometimes referred to as Magnetic, Angular Rate and Gravity (MARG), this subsystem offers an
optimal combination of sensors for smooth tracking of orientation and separation of gravity an
acceleration. This system is capable of yielding absolute orientation data with respect to magnetic
north.
usion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Accelerometer Plus Magnetometer
The accelerometer plus magnetometer configuration is often used as an electronic compass.
electronic compass is subject to the linear acceleration equals zero, assumption. Accuracy is
dependent upon negligible magnetic interference from the environment in which the sensors travel.
Accelerometer plus magnetometer block diagram
Accelerometer Plus Gyroscope
Using a gyroscope in addition to an accelerometer yields the ability to smoothly measure rotation in 3D
space, although the system can only yield orientation to some random horizontal global frame of
reference. That is, the system has no sense of magnetic north. Computation of yaw is not supported by
This configuration is commonly known as an Inertial Measurement Unit (IMU).
Accelerometer Plus Gyroscope Block Diagram
Accelerometer Plus Magnetometer Plus Gyroscope
Sometimes referred to as Magnetic, Angular Rate and Gravity (MARG), this subsystem offers an
optimal combination of sensors for smooth tracking of orientation and separation of gravity an
acceleration. This system is capable of yielding absolute orientation data with respect to magnetic
The accelerometer plus magnetometer configuration is often used as an electronic compass. The
electronic compass is subject to the linear acceleration equals zero, assumption. Accuracy is
dependent upon negligible magnetic interference from the environment in which the sensors travel.
Using a gyroscope in addition to an accelerometer yields the ability to smoothly measure rotation in 3D
space, although the system can only yield orientation to some random horizontal global frame of
reference. That is, the system has no sense of magnetic north. Computation of yaw is not supported by
Accelerometer Plus Magnetometer Plus Gyroscope
Sometimes referred to as Magnetic, Angular Rate and Gravity (MARG), this subsystem offers an
optimal combination of sensors for smooth tracking of orientation and separation of gravity and linear
acceleration. This system is capable of yielding absolute orientation data with respect to magnetic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com