Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9817SD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9817SD
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9817SD Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9817SD Datasheet HTML 1Page - Renesas Technology Corp MPC9817SD Datasheet HTML 2Page - Renesas Technology Corp MPC9817SD Datasheet HTML 3Page - Renesas Technology Corp MPC9817SD Datasheet HTML 4Page - Renesas Technology Corp MPC9817SD Datasheet HTML 5Page - Renesas Technology Corp MPC9817SD Datasheet HTML 6Page - Renesas Technology Corp MPC9817SD Datasheet HTML 7Page - Renesas Technology Corp MPC9817SD Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPC9817 REVISION 3 AUGUST 16, 2012
4
©2012 Integrated Device Technology, Inc.
MPC9817 Data Sheet
CLOCK GENERATOR FOR POWERQUICC AND POWERPC MICROPROCESSORS AND MICROCONTROLLERS
Table 4. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
VDD
Supply Voltage
–0.3
3.8
V
IIN
DC Input Current
—
±20
mA
IOUT
DC Output Current
—
±75
mA
TS
Storage Temperature
–65
125
°C
Table 5. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
—
VDD ÷ 2
—
V
—
MM
ESD Protection (machine model)
200
—
—
V
—
HBM
ESD Protection (human body model)
2000
—
—
V
—
LU
Latch-Up Immunity
200
—
—
mA
—
CIN
Input Capacitance
—
4
—
pF
Inputs
JA
Thermal Resistance (junction-to-ambient)
—
80.8
—
°C/W
—
TC
Ambient Temperature
–40
85
°C
—
Table 6. DC Characteristics (VDD = 3.3 V ± 5%, TA = –40° to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage (XTAL_IN)
2.4
—
VDD + 0.3
V
Input threshold = VDD/2
VIH
Input High Voltage
2.0
—
VDD + 0.3
V
—
VIL
Input Low Voltage
—
—
0.8
V
LVCMOS
IIN
Input Current(1)
1. Inputs have pull-down resistors affecting the input current.
—
—
150
A
VIN = VDDL or GND
VOH
Output High Voltage
2.4
—
—
V
IOH = –12 mA
VOL
Output Low Voltage
—
—
0.4
V
IOL = 12 mA
ZOUT
Output Impedance
—
14
—
—
IDD
Maximum Quiescent Supply Current
—
8.0
15.0
mA
VDD pins



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com