Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DML3010LFDS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DML3010LFDS
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML3010LFDS Datasheet(HTML) 4 Page - Diodes Incorporated

  DML3010LFDS Datasheet HTML 1Page - Diodes Incorporated DML3010LFDS Datasheet HTML 2Page - Diodes Incorporated DML3010LFDS Datasheet HTML 3Page - Diodes Incorporated DML3010LFDS Datasheet HTML 4Page - Diodes Incorporated DML3010LFDS Datasheet HTML 5Page - Diodes Incorporated DML3010LFDS Datasheet HTML 6Page - Diodes Incorporated DML3010LFDS Datasheet HTML 7Page - Diodes Incorporated DML3010LFDS Datasheet HTML 8Page - Diodes Incorporated DML3010LFDS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DML3010LFDS
Document number: DS44721 Rev. 4 - 2
4 of 12
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML3010LFDS
Absolute Maximum Rating
Parameter
Rating
VIN, BLEED, VOUT to GND
-0.3V to 24V
EN, VCC, PG to GND
-0.3V to 6V
IMAX_DC
10.5A
Storage Temperature (TS)
-65°C to +150°C
ESD Capability, Human Body Model
2KV
ESD Capability, Charge Device Model
500V
Recommended Operating Ranges
Parameter
Rating
Supply Voltage (VCC)
3V to 5.5V
Input Voltage (VIN)
0.5V to 20V
Ambient Temperature (TA)
-40°C to +85°C
Junction Temperature (TJ)
-40°C to +125°C
Package Thermal Resistance (
θJC)
5.3°C/W
Package Thermal Resistance (
θJA)
40°C/W
*IMAX_DC defined as the maximum steady state current the load switch can pass at room ambient temperature without entering thermal lockout.
Electrical Characeristics (TA = +25°C, VVCC = 3.3V, VVIN = 5V = VTERM, CVIN = 1μF, CVOUT = 0.1μF, CVCC = 1μF, CSR = 1nF,
unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
—
0.5
—
20
V
VCC
Supply Voltage
—
3.0
—
5.5
V
IDYN
VCC Dynamic Supply Current
VEN = VCC = 3V, VIN = 20V
—
150
290
µA
VEN = VCC = 5.5V, VIN = 1.8V
—
200
390
µA
ISTBY
VCC Shutdown Supply Current
VCC = 3V, VEN = 0V
—
0.1
1
µA
VCC = 5.5V, VEN = 0V
—
0.1
2
µA
VENH
EN High Level Voltage
VCC = 3V to 5.5V
2.0
—
—
V
VENL
EN Low Level Voltage
VCC = 3V to 5.5V
—
—
0.8
V
RBLEED
Bleed Resistance
VCC = 3V, VEN = 0V
90
120
180
Ω
VCC = 5.5V, VEN = 0V
70
100
130
Ω
IBLEED
Bleed Pin Leakage Current
VCC = VEN = 3V, VIN = 1.8V
—
3
—
µA
VCC = VEN = 3V, VIN = 20V
—
32
—
µA
VPGL
PG Output Low Voltage
VCC = 3V, ISINK = 5mA
—
—
0.2
V
IPG
PG Output Leakage Current
VCC = 3V, VTERM = 3.3V
—
—
100
nA
Switching Device
RON
Switch On-State Resistance
VCC = 3.3V, VIN = 1.8V
—
10
12.5
m
Ω
VCC = 3.3V, VIN = 5V
—
10
12.5
m
Ω
VCC = 3.3V, VIN = 12V
—
10
12.5
m
Ω
VCC = 5V, VIN = 1.8V
—
7.5
10.5
m
Ω
VCC = 5V, VIN = 5V
—
7.5
10.5
m
Ω
VCC = 5V, VIN = 12V
—
7.5
10.5
m
Ω
ILEAK
Input Shutdown Supply Current
VEN = 0V, VIN = 20V
—
—
10
µA
RPDEN
EN Pull Down Resistance
—
50
100
150
k
Ω
Fault Protection
TOTP
Thermal Shutdown Threshold
VCC = 3V to 5.5V
—
+145
—
°C
TOTPHYS
Thermal Shutdown Hysteresis
VCC = 3V to 5.5V
—
+20
—
°C
VUVLO
VCC Lockout Threshold
—
2.3
2.55
2.8
V
VUVLOHYS
VCC Lockout Hysteresis
—
—
200
—
mV
VSCP
Short−Circuit Protection Threshold
VCC = 3.3V, VIN = 0.5V
170
240
350
mV
VCC = 3.3V, VIN = 20V
100
250
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com