Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DML3010LFDS Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DML3010LFDS
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML3010LFDS Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button DML3010LFDS Datasheet HTML 4Page - Diodes Incorporated DML3010LFDS Datasheet HTML 5Page - Diodes Incorporated DML3010LFDS Datasheet HTML 6Page - Diodes Incorporated DML3010LFDS Datasheet HTML 7Page - Diodes Incorporated DML3010LFDS Datasheet HTML 8Page - Diodes Incorporated DML3010LFDS Datasheet HTML 9Page - Diodes Incorporated DML3010LFDS Datasheet HTML 10Page - Diodes Incorporated DML3010LFDS Datasheet HTML 11Page - Diodes Incorporated DML3010LFDS Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DML3010LFDS
Document number: DS44721 Rev. 4 - 2
7 of 12
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML3010LFDS
Performance Characteristics (@TA = +25°C, unless otherwise specified.) (continued)
Turn ON Response
Turn OFF Response
VVIN = 1.8V, VVCC = 5.0V, VEN = 0V to 3.3V, RL = 10Ω
VVIN = 1.8V, VVCC = 5.0V, VEN = 3.3V to 0V, RL = 10Ω
Turn ON Response
Turn OFF Response
VVIN = 5.0V, VVCC = 5.0V, VEN = 0V to 3.3V, RL = 10Ω
VVIN = 5.0V, VVCC = 5.0V, VEN = 3.3V to 0V, RL = 10Ω
Turn ON Response
Turn OFF Response
VVIN = 12V, VVCC = 5.0V, VEN = 0V to 3.3V, RL = 10Ω
VVIN = 12V, VVCC = 5.0V, VEN = 3.3V to 0V, RL = 10Ω
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com