Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

914XB Datasheet(PDF) 4 Page - KISTLER INSTRUMENT CORPORATION

Part # 914XB
Description  SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,9 … 0,9 kN up to 0 … ±8 kN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

914XB Datasheet(HTML) 4 Page - KISTLER INSTRUMENT CORPORATION

  914XB Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2009 ... 2016, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
Kistler is a registered trademark of Kistler Holding AG.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 4/5
SlimLine Sensor (SLS), Measurement of Dynamic and Quasistatic Shear Forces,
0 … ±0,9 kN up to 0 … ±8 kN, Type 9143B… up to 9147B…
Accessories
Preloading Disk
D2 h8
d2
One countersunk screw is supplied with each preloading disk
l
Type
For SLS Sensor Type
Thread Size
External Diameter
Internal Diameter
Disk Thickness
Screw Length
D2
d2
H1
L
9410A3
9143B…
M3
16,0
3,2
4,25
10,0
9410A4
9144B…
M4
20,0
4,3
4,25
10,0
9410A5
9145B…
M5
24,0
5,3
4,25
10,0
9410A6
9146B…
M6
30,0
6,4
5,5
14,0
9410A7
9147B…
M8
36,0
8,4
7,0
16,0
Cable/Connector
SlimLine Sensor
Fig. 7: Coupling Type 1729A1 with steel support; connector KIAG 10-32
neg. on both sides
Fig. 8: Coupling Type 1729A2 with plastic support; connector KIAG 10-32
neg. on both sides
Insulating Foils
Insulating foils are available for ground-insulated installation.
The friction between sensor and base or cover plate is not
reduced by this foil, but increased.
SLS Assembly
2, 3 or 4 SlimLine sensors are incorporated in a sealed (IP65)
plug connection with an individually selected cable length.
Either individual signals or the summation signal (all sensors
connected in parallel) appear at the output. See data sheet
9130B_000-766.
Zeichn. N
r.
Type
Datum
gezeichnet
Ind
.
Z12472-219a
9131-9136
8.12.94
Kk
Z12472-220
b
9131-9136
8.12.94
Kk
3,2
11,8
Z12472-438
b
9143-9146
5.6.97
Kk
510
10
20
4,8
3
For Sensor
Type
9143B…
9144B…
9145B…
9146B…
9147B...
Insulating foil
Art. No.
3.221.284
3.221.285
3.221.286
3.221.287
3.221.487
Ext. ø
mm
16
20
24
30
36
Int. ø
mm
6,1
8,1
10,1
12,1
14,1
Thickness
mm
0,125
0,125
0,125
0,125
0,125
Fig. 9: SLS Assembly



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com