Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

914XB Datasheet(PDF) 5 Page - KISTLER INSTRUMENT CORPORATION

Part # 914XB
Description  SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,9 … 0,9 kN up to 0 … ±8 kN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

914XB Datasheet(HTML) 5 Page - KISTLER INSTRUMENT CORPORATION

  914XB Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©2009 ... 2016, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
Kistler is a registered trademark of Kistler Holding AG.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 5/5
SlimLine Sensor (SLS), Measurement of Dynamic and Quasistatic Shear Forces,
0 … ±0,9 kN up to 0 … ±8 kN, Type 9143B… up to 9147B…
The following connections can be used:
KIAG 10-32 pos. int.
Mini-Coax neg.
Measuring Range
0 ... ±0,9 kN
3
0 ... ±1,7 kN
4
0 ... ±2,7 kN
5
0 ... ±4,0 kN
6
0 ... ±8,0 kN
7
Connector
KIAG 10-32 pos. integrated
2
Mini-Coax neg.
3
Cable Length
Length = 2 m (standard)
1
Length = 0,1 … 2 m (please indicate)
9
Ordering Key
Type 914
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com